| Electronic Components Datasheet Search |
|
IXFH4N100 Datasheet(PDF) 2 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXFH4N100 Datasheet(HTML) 2 Page - IXYS Corporation |
|
2 / 4 page ![]() 2 - 4 © 2000 IXYS All rights reserved Symbol Test Conditions Characteristic Values (T J = 25°C, unless otherwise specified) min. typ. max. g fs V DS = 20 V; I D = 0.5 • ID25, pulse test 1.5 2.5 S C iss 1050 pF C oss V GS = 0 V, V DS = 25 V, f = 1 MHz 120 pF C rss 30 pF t d(on) 17 ns t r V GS = 10 V, V DS = 0.5 • VDSS, ID = 0.5 • ID25 15 ns t d(off) R G = 4.7 W (External), 32 ns t f 18 ns Q g(on) 39 nC Q gs V GS = 10 V, V DS = 0.5 • VDSS, ID = 0.5 • ID25 9nC Q gd 22 nC R thJC 0.8 K/W R thCK (TO-247) 0.25 K/W Source-Drain Diode Characteristic Values (T J = 25°C, unless otherwise specified) Symbol Test Conditions min. typ. max. I S V GS = 0 V 4 A I SM Repetitive; pulse width limited by T JM 16 A V SD I F = IS, V GS = 0 V, 1.5 V Pulse test, t £ 300 ms, duty cycle d £ 2 % t rr 250 ns Q RM I F = IS, -di/dt = 100 A/ms, VR = 100 V 0.52 mC I RM 1.8 A IXFH 4N100Q IXFT 4N100Q TO-247 AD (IXFH) Outline Dim. Millimeter Inches Min. Max. Min. Max. A 19.81 20.32 0.780 0.800 B 20.80 21.46 0.819 0.845 C 15.75 16.26 0.610 0.640 D 3.55 3.65 0.140 0.144 E 4.32 5.49 0.170 0.216 F 5.4 6.2 0.212 0.244 G 1.65 2.13 0.065 0.084 H - 4.5 - 0.177 J 1.0 1.4 0.040 0.055 K 10.8 11.0 0.426 0.433 L 4.7 5.3 0.185 0.209 M 0.4 0.8 0.016 0.031 N 1.5 2.49 0.087 0.102 Dim. Millimeter Inches Min. Max. Min. Max. A 4.9 5.1 .193 .201 A 1 2.7 2.9 .106 .114 A 2 .02 .25 .001 .010 b 1.15 1.45 .045 .057 b 2 1.9 2.1 .75 .83 C .4 .65 .016 .026 D 13.80 14.00 .543 .551 E 15.85 16.05 .624 .632 E 1 13.3 13.6 .524 .535 e 5.45 BSC .215 BSC H 18.70 19.10 .736 .752 L 2.40 2.70 .094 .106 L1 1.20 1.40 .047 .055 L2 1.00 1.15 .039 .045 L3 0.25 BSC .010 BSC L4 3.80 4.10 .150 .161 TO-268AA (D3 PAK) Min. Recommended Footprint IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |