Electronic Components Datasheet Search
  English  ▼

X  

MAX14949 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14949
Description  High-Performance Transceiver Enables Flexible Designs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14949 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14949 Datasheet HTML 1Page - Maxim Integrated Products MAX14949 Datasheet HTML 2Page - Maxim Integrated Products MAX14949 Datasheet HTML 3Page - Maxim Integrated Products MAX14949 Datasheet HTML 4Page - Maxim Integrated Products MAX14949 Datasheet HTML 5Page - Maxim Integrated Products MAX14949 Datasheet HTML 6Page - Maxim Integrated Products MAX14949 Datasheet HTML 7Page - Maxim Integrated Products MAX14949 Datasheet HTML 8Page - Maxim Integrated Products MAX14949 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX14949 isolated RS-485/RS-422 transceiver provides
5000VRMS (60s) of galvanic isolation between the cable-
side (RS-485/RS-422 driver/receiver-side) and the UART-
side of the device. Isolation improves communication by
breaking ground loops and reduces noise when there are
large differences in ground potential between ports. This
device allows for robust communication up to 500kbps.
The device includes an integrated 450kHz transformer
driver for power transfer to the cable-side of the transceiver
using an external transformer. An integrated LDO provides
a simple and space-efficient architecture for providing
power to the cable-side of the IC.
The device includes one half-duplex driver/receiver
channel. The receiver is 1/8-unit load, allowing up to 256
transceivers on a common bus.
Integrated true fail-safe circuitry ensures a logic-high on
the receiver output when inputs are shorted or open.
Undervoltage lockout disables the driver when cable-side
or UART-side power supplies are below functional levels.
The driver outputs/receiver inputs are protected from
±30kV electrostatic discharge (ESD) to GNDB on the
cable-side, as specified by the Human Body Model (HBM).
The MAX14949 is available in a wide body 16-pin
SOIC package and operates over the -40°C to +85°C
temperature range.
Applications
● Industrial Automation Equipment
● Programmable Logic Controllers
● HVAC
● Power Meters
Safety Regulatory Approvals Pending
● UL According to UL1577
Benefits and Features
● High Integration Simplifies Designs
• Integrated LDO for Cable-Side Power
• Integrated Transformer Driver for Power Transfer to
Cable-Side Has Up to 80% Efficiency at 150mA Load
● High-Performance Transceiver Enables Flexible Designs
• Compliant with RS-485 EIA/TIA-485 Standard
• 500kbps (max) Data Rate
• Up to 256 Devices on the Bus
● Integrated Protection for Robust Communication
• ±30kV ESD (HBM) on Driver Outputs/Receiver Inputs
• 5kVRMS Withstand-Isolation Voltage for 60
Seconds (VISO)
• 1200VPEAK Maximum Repetitive Peak-Isolation
Voltage (VIORM)
• 848VRMS Maximum Working-Isolation Voltage (VIOWM)
• >30 Years Lifetime at Rated Working Voltage
• Withstands ±10kV Surge per IEC 61000-4-5
• Thermal Shutdown
Ordering Information appears at end of data sheet.
19-7663; Rev 2; 10/17
LDO
XFMR
DRIVER
VDDA
RXD
RE
TXD
DE
A
B
VDDB
VLDO
TD2
TD1
GNDA
GNDB
DEM
MAX14949
MAX14949
5kVRMS Isolated 500kbps Half-Duplex
RS-485/RS-422 Transceiver with ±30kV ESD
Protection and Integrated Transformer Driver
Functional Diagram
EVALUATION KIT AVAILABLE


Similar Part No. - MAX14949

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14949 MAXIM-MAX14949 Datasheet
3Mb / 13P
Terminal Block Connectors for Easy RS-485/ PROFIBUS Evaluation
Rev 0; 6/15
More results

Similar Description - MAX14949

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8221 AMSCO-AS8221 Datasheet
61Kb / 2P
High Performance Bus Transceiver
logo
Axiomtek Co., Ltd.
LD-065 AXIOMTEK-LD-065 Datasheet
187Kb / 1P
Flexible, low cost and high performance
AD-903 AXIOMTEK-AD-903 Datasheet
209Kb / 1P
Flexible, low cost and high performance
AD-904 AXIOMTEK-AD-904 Datasheet
266Kb / 1P
Flexible, low cost and high performance
AD-905 AXIOMTEK-AD-905 Datasheet
268Kb / 1P
Flexible, low cost and high performance
AD-907 AXIOMTEK-AD-907 Datasheet
226Kb / 1P
Flexible, low cost and high performance
logo
Pentair plc. All rights...
5810 PENTAIR-5810 Datasheet
544Kb / 2P
HIGH PERFORMANCE FLEXIBLE 1" VALVE
logo
Advanced Micro Devices
CS500 AMD-CS500 Datasheet
2Mb / 4P
Flexible Computing Performance
logo
Maxim Integrated Produc...
MAX14943 MAXIM-MAX14943 Datasheet
739Kb / 21P
High-Performance Transceiver Enables Flexible Designs
Rev 2; 10/17
logo
IDEC Corporation
RF-SERIES IDEC-RF-SERIES Datasheet
669Kb / 14P
Enables flexible construction of safety circuits
June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com