Electronic Components Datasheet Search
  English  ▼

X  

MAX14937 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14937
Description  Two Channel, 5kVRMS I2C Isolator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14937 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14937 Datasheet HTML 1Page - Maxim Integrated Products MAX14937 Datasheet HTML 2Page - Maxim Integrated Products MAX14937 Datasheet HTML 3Page - Maxim Integrated Products MAX14937 Datasheet HTML 4Page - Maxim Integrated Products MAX14937 Datasheet HTML 5Page - Maxim Integrated Products MAX14937 Datasheet HTML 6Page - Maxim Integrated Products MAX14937 Datasheet HTML 7Page - Maxim Integrated Products MAX14937 Datasheet HTML 8Page - Maxim Integrated Products MAX14937 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
(VDDA - VGNDA = +2.25V to +5.5V, VDDB - VGNDB = +2.25V to +5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values
are at VDDA - VGNDA = +3.3V, VDDB - VGNDB = +3.3V, VGNDA = VGNDB, TA = +25°C, unless otherwise noted.) (Note 4)
Dynamic Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN TYP MAX UNITS
Common-Mode Transient Immunity
CMTI
IN_ = GND_ or VDD_ (Note 5)
25
kV/µs
Maximum Frequency
fMAX
1.7
MHz
Fall Time (Figure 1)
tFA
I/OA_ = 0.9VDDA
to 0.9V
4.5V ≤ VDDA,VDDB ≤ 5.5V,
CLA = 40pF, RA = 1.6kΩ,
CLB = 400pF, RB = 180Ω
80
ns
3.0V ≤ VDDA,VDDB ≤ 3.6V,
CLA = 40pF, RA = 1kΩ,
CLB = 400pF, RB = 120Ω
65
2.25V ≤ VDDA,VDDB ≤ 2.75V,
CLA = 40pF, RA = 810Ω,
CLB = 400pF, RB = 91Ω
55
tFB
I/OB_ = 0.9VDDB
to 0.1VDDB
4.5V ≤ VDDA,VDDB ≤ 5.5V,
CLA = 40pF, RA = 1.6kΩ,
CLB = 400pF, RB = 180Ω
35
3.0V ≤ VDDA,VDDB ≤ 3.6V,
CLA = 40pF, RA = 1kΩ,
CLB = 400pF, RB = 120Ω
45
2.25V ≤ VDDA,VDDB ≤ 2.75V,
CLA = 40pF, RA = 810kΩ,
CLB = 400pF, RB = 91Ω
75
Propagation Delay (Figure 1)
tPLHAB
I/OA_ = 0.5VDDA
to I/OB_ =
0.7VDDB
4.5V ≤ VDDA,VDDB ≤ 5.5V,
CLA = 0pF, RA = 1.6kΩ,
CLB = 0pF, RB = 180Ω
20
ns
3.0V ≤ VDDA,VDDB ≤ 3.6V,
CLA = 0pF, RA = 1kΩ,
CLB = 0pF, RB = 120Ω
25
2.25V ≤ VDDA,VDDB ≤ 2.75V,
CLA = 0pF, RA = 810Ω,
CLB = 0pF, RB = 91Ω
35
tPHLAB
I/OA_ = 0.5VDDA
to I/OB_ = 0.4V
4.5V ≤ VDDA,VDDB ≤ 5.5V,
CLA = 0pF, RA = 1.6kΩ,
CLB = 0pF, RB = 180Ω
80
3.0V ≤ VDDA,VDDB ≤ 3.6V,
CLA = 0pF, RA = 1kΩ,
CLB = 0pF, RB = 120Ω
95
2.25V ≤ VDDA,VDDB ≤ 2.75V,
CLA = 0pF, RA = 810Ω,
CLB = 0pF, RB = 91Ω
110
MAX14937
Two Channel, 5kVRMS I2C Isolator
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com