Electronic Components Datasheet Search
  English  ▼

X  

CAD32FD Datasheet(PDF) 3 Page - Schneider Electric

Part # CAD32FD
Description  TeSys D control relay - 3 NO 2 NC - <= 690 V - 110 V DC standard coil
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

CAD32FD Datasheet(HTML) 3 Page - Schneider Electric

  CAD32FD Datasheet HTML 1Page - Schneider Electric CAD32FD Datasheet HTML 2Page - Schneider Electric CAD32FD Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
2.13 in (5.4 cm)
Package 1 width
3.62 in (9.2 cm)
Package 1 Length
4.25 in (10.8 cm)
Unit Type of Package 2
S02
Number of Units in Package 2
15
Package 2 Weight
17.45 lb(US) (7.914 kg)
Package 2 Height
5.91 in (15 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Unit Type of Package 3
P06
Number of Units in Package 3
120
Package 3 Weight
164.60 lb(US) (74.66 kg)
Package 3 Height
30.31 in (77 cm)
Package 3 width
31.50 in (80 cm)
Package 3 Length
23.62 in (60 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Antimony oxide & Antimony
trioxide, which is known to the State of California to cause cancer. For more information go to
www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
Contractual warranty
Warranty
18 months
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com