Electronic Components Datasheet Search
  English  ▼

X  

CAD32GD Datasheet(PDF) 1 Page - Schneider Electric

Part # CAD32GD
Description  TeSys D control relay - 3 NO 2 NC - <= 690 V - 125 V DC standard coil
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

CAD32GD Datasheet(HTML) 1 Page - Schneider Electric

  CAD32GD Datasheet HTML 1Page - Schneider Electric CAD32GD Datasheet HTML 2Page - Schneider Electric CAD32GD Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
CAD32GD
TeSys D control relay - 3 NO + 2 NC - <= 690 V -
125 V DC standard coil
Product availability : Stock - Normally stocked in distribution facility
Price* : 112.20 USD
Main
Range
TeSys
Product name
TeSys CAD
Product or Component Type
Control relay
Device short name
CAD
Contactor application
Control circuit
Complementary
Utilisation category
DC-13
AC-14
AC-15
Pole contact composition
3 NO + 2 NC
[Ue] rated operational voltage
<= 690 V AC 25...400 Hz
Control circuit type
DC standard
[Uc] control circuit voltage
125 V DC
[Uimp] rated impulse withstand voltage
6 kV IEC 60947
[Ith] conventional free air thermal
current
10 A 140 °F (60 °C)
Irms rated making capacity
140 A AC IEC 60947-5-1
250 A DC IEC 60947-5-1
[Icw] rated short-time withstand current
100 A - 1 s
120 A - 500 ms
140 A - 100 ms
Associated fuse rating
10 A gG IEC 60947-5-1
[Ui] rated insulation voltage
600 V UL
600 V CSA
690 V IEC 60947-5-1
Mounting Support
Rail
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Aug 31, 2021
1


Similar Part No. - CAD32GD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
CAD32G7 SCHNEIDER-CAD32G7 Datasheet
107Kb / 3P
TeSys D control relay, 3 NO and 2 NC, 600 V, 120 VAC 50/60 Hz coil
Aug 31, 2021
More results

Similar Description - CAD32GD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
CAD32ED SCHNEIDER-CAD32ED Datasheet
148Kb / 3P
TeSys D control relay - 3 NO 2 NC - <= 690 V - 48 V DC standard coil
Aug 31, 2021
CAD326GD SCHNEIDER-CAD326GD Datasheet
147Kb / 3P
TeSys D control relay - 3 NO 2 NC - <= 690 V - 125 V DC standard coil
Aug 31, 2021
CAD326SD SCHNEIDER-CAD326SD Datasheet
147Kb / 3P
TeSys D control relay - 3 NO 2 NC - <= 690 V - 72 V DC standard coil
Aug 31, 2021
CA3KN22GD SCHNEIDER-CA3KN22GD Datasheet
147Kb / 2P
TeSys K control relay - 2 NO 2 NC - <= 690 V - 125 V DC standard coil
Sep 6, 2021
CAD32JD SCHNEIDER-CAD32JD Datasheet
143Kb / 2P
TeSys D control relay - 3 NO 2 NC - <= 690 V - 12 V DC standard coil
Sep 6, 2021
CAD323ED SCHNEIDER-CAD323ED Datasheet
133Kb / 2P
TeSys D control relay - 3 NO 2 NC - <= 690 V - 48 V DC standard coil
Sep 6, 2021
CAD326BD SCHNEIDER-CAD326BD Datasheet
143Kb / 2P
TeSys D control relay - 3 NO 2 NC - <= 690 V - 24 V DC standard coil
Sep 6, 2021
CAD326CD SCHNEIDER-CAD326CD Datasheet
143Kb / 2P
TeSys D control relay - 3 NO 2 NC - <= 690 V - 36 V DC standard coil
Sep 6, 2021
CAD326MD SCHNEIDER-CAD326MD Datasheet
143Kb / 2P
TeSys D control relay - 3 NO 2 NC - <= 690 V - 220 V DC standard coil
Sep 6, 2021
CAD326VD SCHNEIDER-CAD326VD Datasheet
137Kb / 2P
TeSys D control relay - 3 NO 2 NC - <= 690 V - 348 V DC standard coil
Sep 6, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com