Electronic Components Datasheet Search
  English  ▼

X  

LM25007MM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM25007MM
Description  42V, 0.5A Step-Down Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25007MM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM25007MM Datasheet HTML 4Page - National Semiconductor (TI) LM25007MM Datasheet HTML 5Page - National Semiconductor (TI) LM25007MM Datasheet HTML 6Page - National Semiconductor (TI) LM25007MM Datasheet HTML 7Page - National Semiconductor (TI) LM25007MM Datasheet HTML 8Page - National Semiconductor (TI) LM25007MM Datasheet HTML 9Page - National Semiconductor (TI) LM25007MM Datasheet HTML 10Page - National Semiconductor (TI) LM25007MM Datasheet HTML 11Page - National Semiconductor (TI) LM25007MM Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
N - Channel Buck Switch and
Driver (Continued)
An external re-circulating diode from the SW pin to ground is
necessary to carry the inductor current after the internal
Buck switch turns off. This external diode must be of the
Ultra-fast or Schottky type to reduce turn-on losses and
current over-shoot. The reverse voltage rating of the re-
circulating diode must be greater than the maximum line
input voltage.
Thermal Protection
Internal Thermal Shutdown circuitry is provided to protect the
integrated circuit in the event the maximum junction tem-
perature is exceeded. When thermal protection is activated,
typically at 165 degrees Celsius, the controller is forced into
a low power reset state, disabling the output driver. This
feature is provided to prevent catastrophic failures from ac-
cidental device overheating.
10V, 400mA Demo Board Bill of Materials (See Typical Application Circuit)
ITEM
PART NUMBER
DESCRIPTION
VALUE
C1
C4532X7R2A105M
CAPACITOR, CER, TDK
1µ, 100V
C2
C4532X7R1E156M
CAPACITOR, CER, TDK
15µ, 25V
C3
C1206C104K5RAC
CAPACITOR, CER, KEMET
0.1µ, 50V
C4
C1206C103K5RAC
CAPACITOR, CER, KEMET
0.01µ, 50V
C5
C3216X7R2A104KT
CAPACITOR, CER, TDK
0.1µ, 100V
D1
MURA110T3
DIODE, 100V, ON SEMI
L1
SLF7045T-101MR60-1
BUCK INDUCTOR, TDK
100µH
R1
CRCW12062003F
RESISTOR
200K
R2
CRCW12061003F
RESISTOR
100K
R3
CRCW12063011F
RESISTOR
3.01K
R4
CRCW12061001F
RESISTOR
1K
R5
CRCW12061R00F
RESISTOR
1
U1
LM25007
REGULATOR, NATIONAL
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com