Electronic Components Datasheet Search
  English  ▼

X  

LPC47N237-MD Datasheet(PDF) 72 Page - SMSC Corporation

Part # LPC47N237-MD
Description  3.3V I/O CONTROLLER FOR PORT REPLICATORS AND DOCKING STATIONS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N237-MD Datasheet(HTML) 72 Page - SMSC Corporation

Back Button LPC47N237-MD Datasheet HTML 68Page - SMSC Corporation LPC47N237-MD Datasheet HTML 69Page - SMSC Corporation LPC47N237-MD Datasheet HTML 70Page - SMSC Corporation LPC47N237-MD Datasheet HTML 71Page - SMSC Corporation LPC47N237-MD Datasheet HTML 72Page - SMSC Corporation LPC47N237-MD Datasheet HTML 73Page - SMSC Corporation LPC47N237-MD Datasheet HTML 74Page - SMSC Corporation LPC47N237-MD Datasheet HTML 75Page - SMSC Corporation LPC47N237-MD Datasheet HTML 76Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 138 page
background image
3.3v I/O Controller for Port Replicators and Docking Stations
Revision 0.3 (10-26-04)
Page 72
SMSC DS – LPC47N237
DATASHEET
Chapter 12 PCI CLKRUN Support
12.1
Overview
The LPC47N237 supports the PCI nCLKRUN signal. nCLKRUN is used to indicate the PCI clock status as
well as to request that a stopped clock be started. Figure 12.1 for an example of a typical system
implementation using nCLKRUN.
If the LPC47N237 SIRQ_CLKRUN_EN signal is disabled, it will disable the nCLKRUN support related to
nLDRQ in addition to disabling the SER_IRQ and the nCLKRUN associated with SER_IRQ.
nCLKRUN is an open drain output and an input. Refer to the PCI Mobile Design Guide Rev 1.0 for a
description of the nCLKRUN function.
12.2
nCLKRUN for Serial IRQ
The LPC47N237 supports the PCI nCLKRUN signal for the Serial IRQs. If an SIO interrupt occurs while
the PCI clock is stopped, nCLKRUN is asserted before the serial interrupt signal is driven active.
See “Using nCLKRUN” section below for more details.
12.3
nCLKRUN for nLDRQ
nCLKRUN support is also provided in the LPC47N237 for the nLDRQ signal. If a device requests DMA
service while the PCI clock is stopped, nCLKRUN is asserted to restart the PCI clock. This is required to
drive the nLDRQ signal active.
See “Using nCLKRUN” section for more details.
12.4
Using nCLKRUN
If nCLKRUN is sampled “high”, the PCI clock is stopped or stopping. If nCLKRUN is sampled “low”, the
PCI clock is starting or started (running). If a device in the LPC47N237 asserts or de-asserts an interrupt
or asserts a DMA request, and nCLKRUN is sampled “high”, the LPC47N237 requests the restoration of
the clock by asserting the nCLKRUN signal asynchronously (Figure 12.2).
The LPC47N237 holds
nCLKRUN low until it detects two rising edges of the clock. After the second clock edge, the LPC47N237
disables the open drain driver (Figure 12.2).
The LPC47N237 will not assert nCLKRUN under any conditions if SIRQ_CLKRUN_EN is inactive (“0”).
The SIRQ_CLKRUN_EN bit is D7 in CR29.
The LPC47N237 will not assert nCLKRUN if it is already driven low by the central resource; i.e., the PCI
CLOCK GENERATOR in Figure 12.1. The LPC47N237 will not assert nCLKRUN unless the line has been
deasserted for two successive clocks; i.e., before the clock was stopped (Figure 12.2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com