Electronic Components Datasheet Search
  English  ▼

X  

LM25007SD Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM25007SD
Description  42V, 0.5A Step-Down Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25007SD Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM25007SD Datasheet HTML 4Page - National Semiconductor (TI) LM25007SD Datasheet HTML 5Page - National Semiconductor (TI) LM25007SD Datasheet HTML 6Page - National Semiconductor (TI) LM25007SD Datasheet HTML 7Page - National Semiconductor (TI) LM25007SD Datasheet HTML 8Page - National Semiconductor (TI) LM25007SD Datasheet HTML 9Page - National Semiconductor (TI) LM25007SD Datasheet HTML 10Page - National Semiconductor (TI) LM25007SD Datasheet HTML 11Page - National Semiconductor (TI) LM25007SD Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Over-Voltage Comparator
The over-voltage comparator is provided to protect the out-
put from overvoltage conditions due to sudden input line
voltage changes or output loading changes. The over-
voltage comparator monitors the FB pin versus an internal
2.875V reference. If the voltage at FB rises above 2.875V
the comparator immediately terminates the buck switch on-
time pulse.
ON Time generator and Shutdown
The on-time of the LM25007 is set inversely proportional to
the input voltage by an external resistor connected between
RON/SD and VIN. The RON/SD terminal is a low impedance
input biased at approximately 1.5V. The current through the
resistor and into the RON/SD pin is approximately propor-
tional to Vin and used internally to control the on-timer. This
scheme of input voltage feed-forward hysteretic operation
achieves nearly constant operational frequency over varying
line and load conditions. The on-time equation for the
LM25007 is :
Ton=1.42x10
-10 xR
ON /VIN
The RON/SD pin of the LM25007 also provides a shutdown
function which disables the regulator and significantly de-
creases quiescent power dissipation. By pulling the pin be-
low 0.7V activates the low power shutdown mode. The V
IN
quiescent current in the shutdown mode is approximately
100µA internal to the LM25007 plus the current in the R
ON
resistor. See Figure 3
Current Limit
The LM25007 contains an intelligent current limit off-timer
intended to reduce the foldback characteristic inherent with
fixed off-time over-current protection. If the current in the
Buck switch exceeds 725mA the present cycle on-time is
immediately terminated (cycle by cycle current limit). Follow-
ing the termination of the cycle a non-resetable current limit
off timer is initiated. The duration of the off time is a function
of the external resistor (RCL) and the FB pin voltage. When
the FB pin voltage equals zero, the current limit off-time is
internally preset to 17µs. This condition occurs in short cir-
cuit operation when a maximum amount of off-time is re-
quired.
In cases of overload (not complete short circuit) the current
limit off-time is reduced as a function of the output voltage
(measured at the FB pin). Reducing the off-time with smaller
overloads reduces the amount of foldback and also reduces
the initial start-up time. The current limit off time for a given
FB pin voltage and R
CL resistor can be calculated by the
following equation:
Toff=10
-5 / (0.59 + (V
FB /7.22x10
-6 xR
CL))
Applications utilizing low resistance inductors and/or a low
voltage drop rectifier may require special evaluation at high
line, short circuit conditions. In this special case the preset
17µs (FB = 0V) off-time may be insufficient to balance the
inductor volt*time product. Additional inductor resistance,
output resistance or a larger voltage drop rectifier may be
necessary to balance the inductor cycle volt*time product
and limit the short circuit current.
N - Channel Buck Switch and
Driver
The LM25007 integrates an N-Channel Buck switch and
associated floating high voltage gate driver. The gate driver
circuit works in conjunction with an external bootstrap ca-
pacitor and an internal high voltage diode. The bootstrap
capacitor is charged by V
CC through the internal high voltage
diode. A 0.01uF ceramic capacitor connected between the
BST pin and SW pin is recommended.
During each cycle when the Buck switch turns off, the SW
pin is approximately 0V. When the SW pin voltage is low, the
bootstrap capacitor is charged from Vcc through the internal
diode. The minimum off timer, set to 300ns, ensures that
there will be a minimum interval every cycle to recharge the
bootstrap capacitor.
20165507
FIGURE 3. Shutdown Implementation
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com