Electronic Components Datasheet Search
  English  ▼

X  

LPC47N237-MT Datasheet(PDF) 18 Page - SMSC Corporation

Part # LPC47N237-MT
Description  3.3V I/O CONTROLLER FOR PORT REPLICATORS AND DOCKING STATIONS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N237-MT Datasheet(HTML) 18 Page - SMSC Corporation

Back Button LPC47N237-MT Datasheet HTML 14Page - SMSC Corporation LPC47N237-MT Datasheet HTML 15Page - SMSC Corporation LPC47N237-MT Datasheet HTML 16Page - SMSC Corporation LPC47N237-MT Datasheet HTML 17Page - SMSC Corporation LPC47N237-MT Datasheet HTML 18Page - SMSC Corporation LPC47N237-MT Datasheet HTML 19Page - SMSC Corporation LPC47N237-MT Datasheet HTML 20Page - SMSC Corporation LPC47N237-MT Datasheet HTML 21Page - SMSC Corporation LPC47N237-MT Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 138 page
background image
3.3v I/O Controller for Port Replicators and Docking Stations
Revision 0.3 (10-26-04)
Page 18
SMSC DS – LPC47N237
DATASHEET
Note 4.1
The “n” as the first letter of a signal name or the “#” as the suffix of a signal name indicates an “Active
Low” signal.
Note 4.2
The Buffers are described in the “Buffer Name Description” section.
Note 4.3
Pins that require external pull-ups (including open-drain outputs) are listed in the “Pins That Require
External Resistors” section and should be pulled to the supply shown in the power well column. Other
output pins are driven under the power well shown. Inputs pins that are shown under suspend power
well are design dependent and may not be active under suspend power.
Note 4.4
The 24MHz XTAL is active under VTR power when VCC is off. This is the clock source to the SMBus
block.
Note 4.5
The 24MHz output is active under VCC power only.
Note 4.6
The nLPCPD pin may be tied high. The LPC interface will function properly if the nPCI_RESET signal
follows the protocol defined for the nLRESET signal in the “Low Pin Count Interface Specification”.
Note 4.7
This pin is input to VCC and VTR powered logic internal to the part.
Note 4.8
The SYSOPT pin requires an external pulldown resistor to put the base IO address for configuration at
0x02E. An external pullup resistor is required to move the base IO address for configuration to 0x04E.
4.1
Buffer Name Description
Note:
The buffer type values are specified at VCC=3.3V. Refer to the “Operational Description” section.
I
Input TTL Compatible.
IS
Input with 100mV Schmitt Trigger.
IS2
Input with 250mV Schmitt Trigger.
ICLK
Crystal Input
OCLK
Crystal Output
O8
Output, 8mA sink, 4mA source.
OD8
Open Drain Output, 8mA sink.
IO8
Input/Output, 8mA sink, 4mA source.
IS2OD12
Input with 250mV Schmitt Trigger/Output (Open Drain), 12mA sink.
O12
Output, 12mA sink, 6mA source.
OD12
Open Drain Output, 12mA sink.
OP14
Output, 14mA sink, 14mA source.
IOP14
Input/Output, 14mA sink, 14mA source. Backdrive protected.
PCI_I
Input. These pins meet the PCI 3.3V AC and DC Characteristics. (Note 4.9)
PCI_O
Output. These pins meet the PCI 3.3V AC and DC Characteristics. (Note 4.9)
PCI_IO
Input/Output. These pins meet the PCI 3.3V AC and DC Characteristics. (Note 4.9)
PCI_IOD
Input/Output (Open Drain). These pins meet the PCI 3.3V AC and DC Characteristics. (Note 4.9)
PCI_ICLK
Clock Input. These pins meet the PCI 3.3V AC and DC Characteristics and timing. (Note 4.10)
Note 4.9
See the “PCI Local Bus Specification,” Revision 2.1, Section 4.2.2.
Note 4.10
See the “PCI Local Bus Specification,” Revision 2.1, Section 4.2.2 and 4.2.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com