Electronic Components Datasheet Search
  English  ▼

X  

TAT7430B Datasheet(PDF) 4 Page - Qorvo, Inc

Part # TAT7430B
Description  CATV 75 pHEMT High Gain RF Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TAT7430B Datasheet(HTML) 4 Page - Qorvo, Inc

  TAT7430B Datasheet HTML 1Page - Qorvo, Inc TAT7430B Datasheet HTML 2Page - Qorvo, Inc TAT7430B Datasheet HTML 3Page - Qorvo, Inc TAT7430B Datasheet HTML 4Page - Qorvo, Inc TAT7430B Datasheet HTML 5Page - Qorvo, Inc TAT7430B Datasheet HTML 6Page - Qorvo, Inc TAT7430B Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAT7430B
CATV 75 Ω pHEMT High Gain RF Amplifier
Data Sheet: Rev C 10/09/17
- 4 of 7 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Application Board Typical Performance
Case temperature noted on graphs. Vsupply = 8V, Icc=190 mA.
15
17
19
21
23
25
50
250
450
650
850
1050
1250
Frequency (MHz)
Gain
-40°C
+85°C
+25°C
-36
-30
-24
-18
-12
-6
50
250
450
650
850
1050
1250
Frequency (MHz)
Input Return Loss
+85°C
+25°C
−40°C
-30
-24
-18
-12
-6
0
50
250
450
650
850
1050
1250
Frequency (MHz)
Output Return Loss
+85°C
+25°C
−40°C
-80
-75
-70
-65
-60
-55
60
160
260
360
460
560
Frequency (MHz)
CSO
+25°C
+85°C
−40°C
-90
-86
-82
-78
-74
-70
60
160
260
360
460
560
Frequency (MHz)
CTB
+85°C
+25°C
−40°C
0
1
2
3
4
50
250
450
650
850
1050
1250
Frequency (MHz)
Noise Figure
+85°C
+25°C
−40°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com