Electronic Components Datasheet Search
  English  ▼

X  

QPF4591 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # QPF4591
Description  Wi-Fi 6 Dual Path Front End Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPF4591 Datasheet(HTML) 1 Page - Qorvo, Inc

  QPF4591 Datasheet HTML 1Page - Qorvo, Inc QPF4591 Datasheet HTML 2Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Classification | PRIVATE
QPF4591
Wi-Fi 6 Dual Path Front End Module
Data Sheet Brief Rev A, May 2021
Subject to change without notice | All rights reserved
1 of 2
www.qorvo.com
®
Product Overview
The Qorvo® QPF4591 is an integrated dual path front end
module (FEM) designed for Wi-Fi 6 (802.11ax) systems which
allows the operation of two separate RF chains to flow through
a single front end module. The compact form factor and
integrated matching minimizes layout area in the application and
greatly reduces the number of external components.
Performance is focused on optimizing a multi-mode PA for a
3.85V supply voltage that allows for optimal throughput based
on user conditions.
Receive path matches the optimal
technologies to maximize Rx sensitivity through noise figure
performance that is consistent over a wider variety of conditions
while maintaining low current draw.
The QPF4591 dual path front end module features chipset-
specific compatible control voltages to facilitate ease of use.
The QPF4591 integrates multiple 5 GHz power amplifiers (PA)
with power detector, transmit-receive switches and bypassable
low noise amplifiers (LNA) into a single device.
Functional Block Diagram
Top View
34 Pad 4 x 3 mm Laminate Package
Key Features
• 5150-5925 MHz
• Dual Path to Accommodate 2 RF Chains in a Single Device.
• Temperature Compensated Bias Network
• Multiple Transmit Bias Modes
• POUT = +16.5 dBm MCS10/11 SU HE80 -43 dB Dynamic
EVM
• POUT = +17.5 dBm MCS9 VHT80 -35 dB Dynamic EVM
• POUT = +19 dBm MCS7 HT20 -30 dB Dynamic EVM
• POUT = +21 dBm MCS0 HT20 Spectral Mask Compliance
• Optimized for +3.85 V Operation
• 30 dB Tx Gain
• 2.8 dB Noise Figure
• 15 dB Rx Gain & 4 dB Bypass Loss
• Integrated RF Power Detectors
Applications
• Access Points
• Wireless Routers
• Residential Gateways
• Customer Premise Equipment
• Internet of Things
Ordering Information
Part Number
Description
QPF4591SB
Sample bag with 5 pieces
QPF4591SR
7
” reel with 100 pieces
QPF4591TR13
13
” reel with 2,500 pieces
QPF4591EVB
Assembled Evaluation Board


Similar Part No. - QPF4591

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPF4506 QORVO-QPF4506 Datasheet
303Kb / 2P
Wi-Fi Front End Module
QPF4506EVB-01 QORVO-QPF4506EVB-01 Datasheet
303Kb / 2P
Wi-Fi Front End Module
QPF4506SB QORVO-QPF4506SB Datasheet
303Kb / 2P
Wi-Fi Front End Module
QPF4506SQ QORVO-QPF4506SQ Datasheet
303Kb / 2P
Wi-Fi Front End Module
QPF4506SR QORVO-QPF4506SR Datasheet
303Kb / 2P
Wi-Fi Front End Module
More results

Similar Description - QPF4591

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPF4526 QORVO-QPF4526 Datasheet
153Kb / 2P
Wi-Fi 6 Front End Module
QPF4588A QORVO-QPF4588A Datasheet
163Kb / 2P
Wi-Fi 6 Front End Module
QPF4551 QORVO-QPF4551 Datasheet
151Kb / 2P
Wi-Fi 6 Front End Module
QPF4506 QORVO-QPF4506 Datasheet
303Kb / 2P
Wi-Fi Front End Module
QPF4288A QORVO-QPF4288A Datasheet
163Kb / 2P
Wi-Fi 6 Front End Module
QPF4219 QORVO-QPF4219 Datasheet
165Kb / 2P
Wi-Fi Front End Module
QPF4216 QORVO-QPF4216 Datasheet
168Kb / 2P
Wi-Fi Front End Module
QPF4211 QORVO-QPF4211 Datasheet
153Kb / 2P
Wi-Fi 6 Front End Module
QPF4532 QORVO-QPF4532 Datasheet
154Kb / 2P
Wi-Fi 6 Front End Module
QPF4291 QORVO-QPF4291 Datasheet
173Kb / 2P
Wi-Fi 6 Dual Path Front End Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com