Electronic Components Datasheet Search
  English  ▼

X  

6300 Datasheet(PDF) 1 Page - Linear Technology

Part # 6300
Description  500mA, 200MHz X DSL LINE DRIVER IN 16-LEAD SSOP PACKAGE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

6300 Datasheet(HTML) 1 Page - Linear Technology

  6300 Datasheet HTML 1Page - Linear Technology 6300 Datasheet HTML 2Page - Linear Technology 6300 Datasheet HTML 3Page - Linear Technology 6300 Datasheet HTML 4Page - Linear Technology 6300 Datasheet HTML 5Page - Linear Technology 6300 Datasheet HTML 6Page - Linear Technology 6300 Datasheet HTML 7Page - Linear Technology 6300 Datasheet HTML 8Page - Linear Technology 6300 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT6300
500mA, 200MHz xDSL
Line Driver in 16-Lead SSOP Package
s
Exceeds All Requirements For Full Rate,
Downstream ADSL Line Drivers
s
Power Enhanced 16-Lead SSOP Package
s
Power Saving Adjustable Supply Current
s
±500mA Minimum IOUT
s
±10.9V Output Swing, VS = ±12V, RL = 100Ω
s
±10.7V Output Swing, VS = ±12V, IL = 250mA
s
Low Distortion: – 82dBc at 1MHz, 2VP-P Into 50Ω
s
200MHz Gain Bandwidth
s
600V/
µs Slew Rate
s
Specified at
±12V and ±5V
s
High Efficiency ADSL, HDSL2, SHDSL Line Drivers
s
Buffers
s
Test Equipment Amplifiers
s
Cable Drivers
The LT
®6300 is a 500mA minimum output current, dual op
amp with outstanding distortion performance. The ampli-
fiers are gain-of-ten stable, but can be easily compensated
for lower gains. The extended output swing allows for
lower supply rails to reduce system power. Supply current
is set with an external resistor to optimize power dissipa-
tion. The LT6300 features balanced, high impedance in-
puts with low input bias current and input offset voltage.
Active termination is easily implemented for further sys-
tem power reduction. Short-circuit protection and thermal
shutdown insure the device’s ruggedness.
The outputs drive a 100
Ω load to ±10.9V with ±12V
supplies, and
±10.7V with a 250mA load. The LT6300 is a
functional replacement for the LT1739 and LT1794 in
xDSL line driver applications and requires no circuit
changes.
The LT6300 is available in the very small, thermally
enhanced, 16-lead SSOP package (same PCB area as the
SO-8 package) for maximum port density in line driver
applications.
, LTC and LT are registered trademarks of Linear Technology Corporation.
High Efficiency
±12V Supply ADSL Line Driver
6300 TA01
+
–
1/2
LT6300
–IN
–
+
1/2
LT6300
+IN
12V
SHDN
–12V
12.7
Ω
24.9k
1:2*
110
Ω
1000pF
110
Ω
1k
1k
12.7
Ω
SHDNREF
100
Ω
*COILCRAFT X8390-A OR EQUIVALENT
ISUPPLY = 10mA PER AMPLIFIER
WITH RSHDN = 24.9k
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - 6300

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
6300 VCC-6300 Datasheet
79Kb / 1P
Tri-Color Rectangular LED Assembly
logo
ebm-papst
6300 EBMPAPST-6300 Datasheet
704Kb / 3P
DC axial fans
6300 EBMPAPST-6300 Datasheet
430Kb / 3P
DC axial fans
6300 EBMPAPST-6300 Datasheet
505Kb / 3P
DC axial fans
6300 EBMPAPST-6300 Datasheet
426Kb / 3P
DC diagonal fans
More results

Similar Description - 6300

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1794 LINER-LT1794 Datasheet
275Kb / 20P
Dual 500mA, 200MHz xDSL Line Driver Amplifier
logo
List of Unclassifed Man...
SSOP-16 ETC-SSOP-16 Datasheet
88Kb / 1P
16-Lead SSOP Plastic Package
logo
Intersil Corporation
EL1508 INTERSIL-EL1508_07 Datasheet
404Kb / 18P
Differential DSL Line Driver
March 26, 2007
logo
Linear Technology
LT1739 LINER-LT1739 Datasheet
286Kb / 20P
Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT6301 LINER-LT6301_15 Datasheet
252Kb / 16P
Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
LT6300 LINER-LT6300_15 Datasheet
239Kb / 16P
500mA, 200MHz xDSL Line Driver in 16-Lead SSOP Package
LT1739 LINER-LT1739_15 Datasheet
291Kb / 20P
Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT1794 LINER-LT1794_15 Datasheet
285Kb / 20P
Dual 500mA, 200MHz xDSL Line Driver Amplifier
LT6301 LINER-LT6301 Datasheet
225Kb / 16P
Dual 500mA, Differential xDSL Line Driver in 28-Lead TSSOP Package
logo
Texas Instruments
THS6301 TI1-THS6301 Datasheet
261Kb / 19P
G.Fast DSL Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com