Electronic Components Datasheet Search
  English  ▼

X  

GP502 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # GP502
Description  IEEE 802.15.4 Communications Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

GP502 Datasheet(HTML) 3 Page - Qorvo, Inc

  GP502 Datasheet HTML 1Page - Qorvo, Inc GP502 Datasheet HTML 2Page - Qorvo, Inc GP502 Datasheet HTML 3Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Classification | UNRESTRICTED
GP502
IEEE 802.15.4 Communications Controller
Subject to change without notice | All rights reserved.
© 2017, 2020 Qorvo, Inc.
Product Brief GP_P007_PB_09233 V2.01
Page 3 of 3
www.qorvo.com
®
Radio Characteristics
Standards compliant
IEEE 802.15.4-2003
IEEE 802.15.4-2006
Radio Regulations
compliant
ETSI EN 300 328
FCC CFR-47 Part 15
ARIB STD-T66
Frequency Band
2400
– 2483.5 MHz
Channels
16 (programmable, 5 MHz steps)
Modulation
IEEE 802.15.4
Chip rate
2 Mchip/s
Data Rate
250 kbit/s
Receiver Sensitivity 1
-95 dBm typical
Antenna diversity gain 2
8 dB
(increases the 'effective' receiver sensitivity to -103 dBm)
Transmit Power
+7 dBm
(adjustable down in 1 dB steps)
Radio Management
Antenna Diversity
Digital RSSI
Link Quality Indication
1) Typical, at 3.0 V and 25 °C, unless specified otherwise.
2) For typical indoor usage in an environment with 50 ns delay spread
and 2 MHz signal bandwidth using the Rayleigh fading model:
antenna diversity with 2 antennas results in a 8 dB improved link
budget at a 1% outage probability compared to no antenna diversity.
The 8 dB in link budget translates into 70% more range, if using a
two slope range model with the breakpoint at 10 m and g1 = 2, g2 =
3.5.
Reference Designs, Tools and SW
Qorvo reference designs, development kits, software libraries and production platforms provide a quick time-to-market solution for
sensor and control devices for Smart Home networks and for other IEEE 802.15.4 / Bluetooth Low Energy communication products.
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations:
Web: www.qorvo.com
Tel: 1-844-890-8163
Email: lpw.support@qorvo.com
Important Notice
The information contained herein is believed to be reliable; however, Qorvo makes no warranties regarding the information contained herein and assumes no responsibility
or liability whatsoever for the use of the information contained herein. All information contained herein is subject to change without notice. Customers should obtain and
verify the latest relevant information before placing orders for Qorvo products. The information contained herein or any use of such information does not grant, explicitly or
implicitly, to any party any patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or anything described by such
information. THIS INFORMATION DOES NOT CONSTITUTE A WARRANTY WITH RESPECT TO THE PRODUCTS DESCRIBED HEREIN, AND QORVO HEREBY
DISCLAIMS ANY AND ALL WARRANTIES WITH RESPECT TO SUCH PRODUCTS WHETHER EXPRESS OR IMPLIED BY LAW, COURSE OF DEALING, COURSE
OF PERFORMANCE, USAGE OF TRADE OR OTHERWISE, INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR
PURPOSE.
Without limiting the generality of the foregoing, Qorvo products are not warranted or authorized for use as critical components in medical, life-saving, or life-sustaining
applications, or other applications where a failure would reasonably be expected to cause severe personal injury or death.
Copyright 2017, 2020 © Qorvo, Inc. | Qorvo is a registered trademark of Qorvo, Inc.
The Bluetooth® word mark and logos are registered trademarks owned by Bluetooth SIG, Inc. and any use of such marks by Qorvo is under license. All other trademarks
and trade names are those of their respective owners.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com