Electronic Components Datasheet Search
  English  ▼

X  

GP501 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # GP501
Description  IEEE 802.15.4 Communications Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

GP501 Datasheet(HTML) 2 Page - Qorvo, Inc

  GP501 Datasheet HTML 1Page - Qorvo, Inc GP501 Datasheet HTML 2Page - Qorvo, Inc GP501 Datasheet HTML 3Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GP501
IEEE 802.15.4 Communications Controller
GP_P005_PB_05157 V2.00 | Subject to change without notice
2 of 3
www.qorvo.com
®
Key Features
 IEEE 802.15.4 compliant PHY and Real-Time MAC
 Operates in the worldwide 2.4 GHz ISM-band
 Excellent range by antenna diversity: 9 dB more reliable
link budget compared to single antenna
 Additional robustness by packet-in-packet
resynchronization
 30 dB better robustness to Wi-Fi Interference
 External LNA/PA signals for extended range
 Hardware accelerated AES and CCM* encryption with
128, 192 and 256-bit keys
 1.5 Kbyte RAM for data buffering
 Advanced Energy Management, supporting intermitted
energy sources and coin cell battery operation
 External Controller SPI Slave interface
 Stand-alone RF4CE DutyCycling support and RF4CE
packet filtering when the host is asleep
 Coexistence Interface with other radios in the device
Excellent Range and Reliability
The GP501 has been optimized for reliable communication in
harsh radio environments. The -93 dBm receiver sensitivity
allows extended coverage. Built-in antenna diversity with two
antennas improves the reliable link budget by 9 dB resulting in
approximately twice the reliable range compared to similar
systems with only one antenna. In high density networks the
packet-in-packet
resynchronization
further
improves
the
communication reliability. The potential risks of interference by
Wi-Fi and/or Bluetooth devices have been reduced by the
combination
of
excellent
receiver
interference
rejection
capability and dynamic adaption of the frequency channel.
The Coexistence Interface can be used to enable coexistence
of the IEEE 802.15.4 radio of the GP501 with other potentially
interfering radios (Wi-Fi, Bluetooth) within the same device.
Ultra-Low Power Consumption
The
GP501
is
designed
for
ultra-low
power
network
applications. It supports RF4CE duty cycling and can wake up
the host when a specified message has been received, with
RF4CE Network
layer and Profile layer Deep Packet
Inspection, to allow the host to stay asleep as much as possible.
Low Cost
The GP501 is designed to operate on PCB designs using only
low cost components and printed circuit antennas. No
expensive shielding, chip antennas or voltage regulators are
required.
Electrical Characteristics
Standby Mode Currents 1
Reset mode
10 nA
Timed, using 16 MHz crystal
800 µA
Operational Currents 1
Receive
20 mA
Transmit (at 0 dBm)
21 mA
Supply Voltage
2.1 to 3.6 V
Interfaces
SPI Slave serial host interface
Control for external LNA/PA
Coexistence Interface with other radios
Crystal Frequency
16.000 MHz (±40 ppm)
Radio Characteristics
Standards compliant
IEEE 802.15.4-2003
IEEE 802.15.4-2006
Radio Regulations
compliant
ETSI EN 300 328
FCC CFR-47 Part 15
ARIB STD-T66
Frequency Band
2400
– 2483.5 MHz
Channels
16 (programmable, 5 MHz steps)
Modulation
IEEE 802.15.4
Chip rate
2 Mchip/s
Data Rate
250 kbit/s
Receiver Sensitivity 1
-93 dBm typical
Antenna diversity gain 2
9 dB
(increases the 'effective' receiver sensitivity to -102 dBm)
Co-channel Rejection
> -2.5 dB
Adjacent Channel
Rejection
> 30 dB
Alt. Adjacent Channel
Rejection
> 45 dB
Wi-Fi IEEE 802.11g
Rejection3
> 27 dB
Bluetooth Rejection4
> 27 dB
Transmit Power
+3 dBm
(adjustable down in 1 dB steps)
Radio Management
Antenna Diversity
Digital RSSI
Link Quality Indication



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com