Electronic Components Datasheet Search
  English  ▼

X  

LDW240 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # LDW240
Description  High efficiency and compact size
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDW240 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  LDW240 Datasheet HTML 1Page - Bel Fuse Inc. LDW240 Datasheet HTML 2Page - Bel Fuse Inc. LDW240 Datasheet HTML 3Page - Bel Fuse Inc. LDW240 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LDW240 Series
tech.support@psbel.com
LDW240-12
200 - 500 VAC (300 - 500 VDC))
1 / 2 / 3
12 – 15 VDC
15 – 12 A
LDW240-24
200 - 500 VAC (300 - 500 VDC)
1 / 2 / 3
24 VDC
10 A
LDW240-48P
200 - 500 VAC (300 - 500 VDC))
1 / 2 / 3
48 VDC
5 A
Includes internal ORing diode
LDW240-72P
200 - 500 VAC (300 - 500 VDC)
1 / 2 / 3
72 VDC
3.5 A
Includes internal ORing diode
Technical parameters are typical, measured in laboratory environment at 25°C and 400 VAC / 50 Hz, at nominal values, after minimum
5 minutes of operation.
Input AC Voltage Range
Rated, single, two or three phase, UL certified
Operating
200 – 500 VAC
187 - 550 VAC
Input DC Voltage Range
Rated, UL certified
Operating
300 – 500 VDC
250 – 725 VDC
Input Frequency Range
47 - 63 Hz
Input AC Current
Single or two phase @ 200 VAC
Single or two phase @ 500 VAC
Three phase @ 200 VAC
Three phase @ 500 VAC
2.2 A
1.1 A
1.5 A
0.8 A
Input DC Current
LDW240-12
Vin = 250 VDC
Vin = 725 VDC
0.9 A
0.4 A
LDW240-24, LDW240-48P,
LDW240-72P
Vin = 250 VDC
Vin = 725 VDC
1.4 A
0.5 A
Inrush Peak Current
≤ 60 A
Touch (Leakage) Current
≤ 1.3 mA
Internal Protection Fuse
None, external fuse must be provided
External Protection on AC Line
It is strongly recommended to provide external surge
arresters (SPD) according to local regulations.
Fuse AT 6.3A or MCB 6 A C curve
or 4 A D curve
Output Power
240 W
Rated Voltage
(Voltage Adjustment Range)
LDW240-12
LDW240-24
LDW240-48P
LDW240-72P
12 – 15 VDC (12 – 15 VDC)
24 VDC
(23 – 28 VDC)
48 VDC
(45 – 55 VDC)
72 VDC
(72 – 85 VDC)
Continuous Current
LDW240-12
LDW240-24
LDW240-48P
LDW240-72P
15 – 12 A
10 A
5 A
3.5 A
Overload Limit (max. 6 s)
LDW240-12
LDW240-24
LDW240-48P
LDW240-72P
20 A
15 A
7.5 A
5 A
Short Circuit Peak Current
LDW240-12
LDW240-24
LDW240-48P
LDW240-72P
34 A
38 A
18 A
13 A
Load Regulation
LDW240-12 / LDW240-24
LDW240-48P / LDW240-72P
≤1%
≤1.5%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com