Electronic Components Datasheet Search
  English  ▼

X  

M440T513Y Datasheet(PDF) 15 Page - STMicroelectronics

Part # M440T513Y
Description  5.0V, 16 Mbit (512 Kbit x 32) TIMEKEEPER-R SRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M440T513Y Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M440T513Y Datasheet HTML 11Page - STMicroelectronics M440T513Y Datasheet HTML 12Page - STMicroelectronics M440T513Y Datasheet HTML 13Page - STMicroelectronics M440T513Y Datasheet HTML 14Page - STMicroelectronics M440T513Y Datasheet HTML 15Page - STMicroelectronics M440T513Y Datasheet HTML 16Page - STMicroelectronics M440T513Y Datasheet HTML 17Page - STMicroelectronics M440T513Y Datasheet HTML 18Page - STMicroelectronics M440T513Y Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
15/26
M440T513Y
Table 6. Register Map
Table 7. Time of Day Alarm Mask Bits
Note: Any other bit combinations of mask bit settings produce an illegal operation.
Register
(03h) Minutes
(05h) Hours
(07h) Days
1
1
1
Alarm once per minute
0
1
1
Alarm when minutes match
0
0
1
Alarm when hours and minutes match
0
0
0
Alarm when hours, minutes, and days match
ADDRESS
CLOCK
CALENDAR/
TIME OF DAY
ALARM
REGISTERS
COMMAND
REGISTER
WATCHDOG
ALARM
REGISTERS
USER
REGISTERS
BIT 7
BIT 0
RANGE
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E - 3F
0.1 SECONDS
0.1 SECONDS
0.01 SECONDS
0.01 SECONDS
0
0
0
10 SECONDS
10 SECONDS
SECONDS
SECONDS
10 MINUTES
MINUTES
10 MIN ALARM
MIN ALARM
M
M
0
0
0
0
0
0
0
0
0
0
0
0
M
12/24
12/24
10
10
10
10
A/P
A/P
HR
HR
HOURS
HOURS ALARM
DAYS
DAY ALARM
10DATE
DATE
EOSC
ESQW
10MO
MONTHS
10YEARS
YEARS
TE
IPSW
IBH
LO
PU
LVL
WAM
TDM
WAF
TDF
SRAM ADDRESS SPACE
00-99
00-99
00-99
00-99
00-59
00-59
00-59
01-12+A/P
00-23
01-12+A/P
00-23
01-07
01-07
01-31
01-12
AI04208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com