Electronic Components Datasheet Search
  English  ▼

X  

TND027SW Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # TND027SW
Description  Lowside Power Switch Lamp-, Solenoid-and Motor-Driving Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND027SW Datasheet(HTML) 3 Page - Sanyo Semicon Device

  TND027SW Datasheet HTML 1Page - Sanyo Semicon Device TND027SW Datasheet HTML 2Page - Sanyo Semicon Device TND027SW Datasheet HTML 3Page - Sanyo Semicon Device TND027SW Datasheet HTML 4Page - Sanyo Semicon Device TND027SW Datasheet HTML 5Page - Sanyo Semicon Device TND027SW Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TND027SW, 027TD
No.7437-3/6
0.2
0.4
0.6
0.8
1.2
1.0
1.4
0
02468
10
12
0.2
0.4
0.6
0.8
1.0
0
02468
10
IIN -- Ta
IT05235
--50
--25
0.1
0.2
0.3
0.4
0.5
0
0
0
25
50
100
75
--50
--25
0
25
50
100
75
IT05233
RDS(on) -- VIN
RDS(on) -- Ta
IT05234
IIN -- VIN
IT05236
0.02
0.12
0.10
0.08
0.06
0.04
VIN=5V
I IN
(abnormal)
IIN(normal)
IO=1A
IO=1A
Ta=85
°C
25
°C
--40
°C
4V
5V
6V
Ta=25
°C
2
4
6
8
10
12
0
456789
10
456789
10
--50
--25
4
5
7
6
8
9
3
0
25
50
100
75
IS -- Ta
IT05237
IS -- VIN
IT05238
ILMT -- VIN
IT05240
4V
5V
6V
--50
--25
4
5
7
6
8
9
3
0
25
50
100
75
ILMT -- Ta
IT05239
6V
5V
4V
4
5
7
6
8
9
3
Ta=25
°C
Ta=25
°C
Ambient Temperature, Ta --
°C
Ambient Temperature, Ta --
°C
Ambient Temperature, Ta --
°C
Ambient Temperature, Ta --
°C
Input Voltage, VIN -- V
Input Voltage, VIN -- V
Input Voltage, VIN -- V
Input Voltage, VIN -- V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com