Electronic Components Datasheet Search
  English  ▼

X  

RFFM6909 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFFM6909
Description  925MHz Transmit/Receive Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFM6909 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFFM6909 Datasheet HTML 1Page - Qorvo, Inc RFFM6909 Datasheet HTML 2Page - Qorvo, Inc RFFM6909 Datasheet HTML 3Page - Qorvo, Inc RFFM6909 Datasheet HTML 4Page - Qorvo, Inc RFFM6909 Datasheet HTML 5Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140905
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 5
RFFM6909
925MHz Transmit/Receive Module
This module is intended for 868MHz and 915MHz AMR solutions.
The FEM provides separate ports for Rx/Tx paths, single-ended
Tx and single-ended Rx or Rx differential port, 14dB gain single
stage LNA, and single port antenna connection. The PA switch
provides a nominal insertion loss of 0.8dB. The device is provided
in a 4.0mm x 3.0mm, 18-pin package.
5
4
3
2
1
18
17
16
15
14
13
6
ANT1
GND
TX
7
12
11
9
8
RXp
GND
GND
GND
10
GND
RXn
ANT2
Functional Block Diagram
Ordering Information
RFFM6909SB
Standard 5-piece bag
RFFM6909SQ
Standard 25-piece bag
RFFM6909SR
Standard 100-piece reel
RFFM6909TR13
Standard 2500-pieces reel
RFFM6909PCK-410
Fully assembled eval board w/5-piece sample bag
Package: LGA, 18-pin,
4.0mm x 3.0mm
Features
■ Tx Insertion Loss: 0.7dB
■ 50Ω Tx Transceiver Interface
■ 75Ω Rx Differential Transceiver
Interface
■ Rx Gain: 14dB
Applications
■ Wireless Automated Metering
■ Wireless Alarm Systems
■ Portable Battery Powered
Equipment
■ Smart Energy
■ 925MHz ISM Band Application
■ Single Chip RF Front End Module
RFFM6909


Similar Part No. - RFFM6909

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM6909 RFMD-RFFM6909 Datasheet
227Kb / 5P
925MHz Transmit/Receive Module
RFFM6909PCK-410 RFMD-RFFM6909PCK-410 Datasheet
227Kb / 5P
925MHz Transmit/Receive Module
RFFM6909SB RFMD-RFFM6909SB Datasheet
227Kb / 5P
925MHz Transmit/Receive Module
RFFM6909SQ RFMD-RFFM6909SQ Datasheet
227Kb / 5P
925MHz Transmit/Receive Module
RFFM6909SR RFMD-RFFM6909SR Datasheet
227Kb / 5P
925MHz Transmit/Receive Module
More results

Similar Description - RFFM6909

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
TRANSMIT/RECEIVE SWITCH
RF6519 RFMD-RF6519 Datasheet
442Kb / 8P
3.3V TO 5.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
915MHz Transmit/Receive Module
RF6935 RFMD-RF6935 Datasheet
681Kb / 9P
3.3V TO 4.0V,915MHz Transmit/Receive Module
RFFM6909 RFMD-RFFM6909 Datasheet
227Kb / 5P
925MHz Transmit/Receive Module
logo
Skyworks Solutions Inc.
SKY65377 SKYWORKS-SKY65377_11 Datasheet
189Kb / 2P
450 MHz Transmit-Receive Front-End Module
logo
Qorvo, Inc
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
logo
Skyworks Solutions Inc.
SKY65366-11 SKYWORKS-SKY65366-11 Datasheet
1Mb / 19P
400 MHz Transmit/Receive Front-End Module
October 24, 2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com