Electronic Components Datasheet Search
  English  ▼

X  

RFFM6906 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFFM6906
Description  3.1V to 4.0V, 915MHz Transmit/Receive Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFM6906 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFFM6906 Datasheet HTML 1Page - Qorvo, Inc RFFM6906 Datasheet HTML 2Page - Qorvo, Inc RFFM6906 Datasheet HTML 3Page - Qorvo, Inc RFFM6906 Datasheet HTML 4Page - Qorvo, Inc RFFM6906 Datasheet HTML 5Page - Qorvo, Inc RFFM6906 Datasheet HTML 6Page - Qorvo, Inc RFFM6906 Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Revision DS20161219
1 of 7
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFFM6906
RFMD + TriQuint = Qorvo
RFFM6906
3.1V to 4.0V, 915MHz Transmit/Receive Module
This module is intended for 868MHz and 915MHz AMR solutions.
The FEM provides separate ports for Rx/Tx paths, single-ended
Tx and single-ended Rx or Rx differential port, 12dB gain single
stage LNA, and single port antenna connection. The PA section
provides a nominal output power of 30dBm. The device is
provided in a 5.5mm x 5.0mm, 28-pin package.
8
7
6
5
4
3
2
1
28
27
20
26
25
24
23
22
21
9
10
GND
ANT1
GND
RXP
RXN
GND
11
19
18
17
16
14
13
12
TX
GND
GND
GND
GND
GND
15
GND
C_ANT
GND
ANT2
Functional Block Diagram
Ordering Information
RFFM6906SB
Standard 5-piece bag
RFFM6906SQ
Standard 25-piece bag
RFFM6906SR
Standard 100-piece reel
RFFM6906TR13
Standard 2500-piece reel
RFFM6906PCK-410
Fully assembled eval board with 5 loose pieces
Package: LGA, 28-pin,
5.5mm x 5.0mm
Features
■
Tx Output Power: 30dBm
■
Separate 50
Ω Tx/Rx Transceiver
Interface
■
Optional 75
Ω Rx Differential
Transceiver Interface
■
Rx Gain: 12dB
Applications
■
Wireless Automated Metering
■
Wireless Alarm Systems
■
Portable Battery Powered
Equipment
■
Smart Energy
■
868MHz/900MHz ISM Band
Application
■
Single Chip RF Front End Module
RFFM6906


Similar Part No. - RFFM6906

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM6906 RFMD-RFFM6906 Datasheet
194Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6906PCBA-410 RFMD-RFFM6906PCBA-410 Datasheet
194Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6906SB RFMD-RFFM6906SB Datasheet
194Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6906SQ RFMD-RFFM6906SQ Datasheet
194Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6906SR RFMD-RFFM6906SR Datasheet
194Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
More results

Similar Description - RFFM6906

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6514 RFMD-RF6514 Datasheet
729Kb / 9P
3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
RF6519 RFMD-RF6519 Datasheet
442Kb / 8P
3.3V TO 5.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
RF6569 RFMD-RF6569 Datasheet
643Kb / 8P
3.1V TO 4.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
915MHz Transmit/Receive Module
RF6935 RFMD-RF6935 Datasheet
681Kb / 9P
3.3V TO 4.0V,915MHz Transmit/Receive Module
RFFM6906 RFMD-RFFM6906 Datasheet
194Kb / 7P
3.1V to 4.0V, 915MHz Transmit/Receive Module
RFFM6907 RFMD-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
2.8V to 4.0V, 915MHz Transmit/Receive Module
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com