Electronic Components Datasheet Search
  English  ▼

X  

RFFM6404 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFFM6404
Description  2.5V to 4.5V, ISM Band, 27.5dBm, 430MHz to 450MHz Transmit/Receive Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFM6404 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFFM6404 Datasheet HTML 1Page - Qorvo, Inc RFFM6404 Datasheet HTML 2Page - Qorvo, Inc RFFM6404 Datasheet HTML 3Page - Qorvo, Inc RFFM6404 Datasheet HTML 4Page - Qorvo, Inc RFFM6404 Datasheet HTML 5Page - Qorvo, Inc RFFM6404 Datasheet HTML 6Page - Qorvo, Inc RFFM6404 Datasheet HTML 7Page - Qorvo, Inc RFFM6404 Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Revision DS20141110
4 of 8
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
RFFM6404
RFMD + TriQuint = Qorvo
Switch Control Truth Table
Operating Mode
TR
(Pin 2)
EN
(Pin 3)
BYP
(Pin 4)
PA
LNA
Transmit
High
High
Low
ON
OFF
Receive
Low
High
Low
OFF
ON
Receive Bypass
Low
High
High
OFF
OFF
Shutdown
X
Low
X
OFF
OFF
Application Schematic (without external filter)
20
19
18
17
5
8
15
16
4
3
2
1
25
26
27
28
Z0 = 50
6
7
9
10 11 12 13 14
21
22
23
24
SAW1
Z0 = 50
Z0 = 50
SAW2
VCC_RX
RX
Z0 = 50
TX
TR
EN
BYP
VAPC
Z0 = 50
ANT
220nF
1uF
1uF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com