Electronic Components Datasheet Search
  English  ▼

X  

RFFM4591SR Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFFM4591SR
Description  3.0V TO TO 3.6V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFM4591SR Datasheet(HTML) 4 Page - Qorvo, Inc

  RFFM4591SR Datasheet HTML 1Page - Qorvo, Inc RFFM4591SR Datasheet HTML 2Page - Qorvo, Inc RFFM4591SR Datasheet HTML 3Page - Qorvo, Inc RFFM4591SR Datasheet HTML 4Page - Qorvo, Inc RFFM4591SR Datasheet HTML 5Page - Qorvo, Inc RFFM4591SR Datasheet HTML 6Page - Qorvo, Inc RFFM4591SR Datasheet HTML 7Page - Qorvo, Inc RFFM4591SR Datasheet HTML 8Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 of 8
RFFM4591
DS130510
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Typical Conditions 3.3V
(continued)
Temperature = -10°C to +70°C, VCC = 3.3V, PA_EN = high,
POUT = 17dBm using a IEEE802.11n MCS7 waveform
unless otherwise noted.
General Performance
Control Current
C_RX Current
0.5
1
μA
PA_EN Current
30
50
μA
Switch Control Speed
100
ns
PA_EN Control Impedance
4.9
M
Ω
LNA_EN Control Impedance
6.5
M
Ω
C_RX Control Impedance
27
M
Ω
ESD
Human Body Model
500
V
EIA/JESD22-114A RF pins
1000
V
EIA/JESD22-114A DC pins
Charge Device Model
1000
V
JESD22-C101C all pins
Thermal Resistance
RTH_I
46
˚C/W
Maximum Input Power
12
dBm
Into 50
Ω, VCC = 3.3V, 25°C
Maximum Input Power
12
dBm
6:1 VSWR, VCC = 3.3V, 25°C
Maximum Input Power
5
dBm
10:1 VSWR, VCC = 3.3V, 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com