Electronic Components Datasheet Search
  English  ▼

X  

PT7779 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT7779
Description  32 Amp Programmable Integrated Switching Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT7779 Datasheet(HTML) 2 Page - Texas Instruments

  PT7779 Datasheet HTML 1Page - Texas Instruments PT7779 Datasheet HTML 2Page - Texas Instruments PT7779 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TYPICAL
CHARACTERISTICS
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Ordering Information
PT7779t
t
t
t
t = 1.3 to 3.5 Volts
Programming Information
VID4=1 VID4=0
VID3 VID2 VID1 VID0
Vout
Vout
1
1
1
1
2.0V
1.30V
1
1
1
0
2.1V
1.35V
1
1
0
1
2.2V
1.40V
1
1
0
0
2.3V
1.45V
1
0
1
1
2.4V
1.50V
1
0
1
0
2.5V
1.55V
1
0
0
1
2.6V
1.60V
1
0
0
0
2.7V
1.65V
0
1
1
1
2.8V
1.70V
0
1
1
0
2.9V
1.75V
0
1
0
1
3.0V
1.80V
0
1
0
0
3.1V
1.85V
0
0
1
1
3.2V
1.90V
0
0
1
0
3.3V
1.95V
0
0
0
1
3.4V
2.00V
0
0
0
0
3.5V
2.05V
Logic 0 = Pin 12 potential (remote sense gnd)
Logic 1 = Open circuit (no pull-up resistors)
VID3 and VID4 may not be changed while the unit is operating.
For dimensions and PC board layout, see
Package Style 1020 and 1030
• +5V Input
• 32A Output
(64A with PT7741 Booster)
• 5-bit Programmable:
1.3V to 3.5V
• High Efficiency
• Short Circuit Protection
• Differential Remote Sense
• 27-pin SIP Package
Features
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole
A
Horizontal Surface Mount
C
PT7779—5V
32 Amp Programmable Integrated
Switching Regulator
Power Dissipation Vs Output Current
Performance Characteristics, Vin =5V
(See Note A)
Efficiency Vs Output Current
PT7779, VIN =5V, VO =3.3V
Output Ripple Vs Output Current
60.0
65.0
70.0
75.0
80.0
85.0
90.0
95.0
100.0
0
4
8
12
162024
2832
Iout (A)
1.8V
2.5V
3.3V
VOUT
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
0
4
8
12
162024
2832
Iout (A)
1.8V
2.5V
3.3V
VOUT
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
4.0
8.0
12.0
16.0
20.0
24.0
28.0
32.0
Iout (A)
400LFM
200LFM
120LFM
Nat conv
Airflow
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the regulator.
Note B:
Safe Operating Area curves represent conditions at which internal components are at or beow manufacturer’s rated operating temperatures.
Safe Operating Area Curves (See Note B)
0
10
20
30
40
50
60
70
80
0
4
8
12
16
20
24
28
32
Iout (A)
1.8V
2.5V
3.3V
VOUT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com