Electronic Components Datasheet Search
  English  ▼

X  

RF6559 Datasheet(PDF) 5 Page - Qorvo, Inc

Part # RF6559
Description  4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF6559 Datasheet(HTML) 5 Page - Qorvo, Inc

  RF6559 Datasheet HTML 1Page - Qorvo, Inc RF6559 Datasheet HTML 2Page - Qorvo, Inc RF6559 Datasheet HTML 3Page - Qorvo, Inc RF6559 Datasheet HTML 4Page - Qorvo, Inc RF6559 Datasheet HTML 5Page - Qorvo, Inc RF6559 Datasheet HTML 6Page - Qorvo, Inc RF6559 Datasheet HTML 7Page - Qorvo, Inc RF6559 Datasheet HTML 8Page - Qorvo, Inc RF6559 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
RF6559
DS120611
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Descriptions
Pin
Name
Description
1GND
Corner Ground
2TXC
Tx Switch Control Input
3RXC
Rx Switch Control Input
4VCCD
Digital Reference Voltage Input
5GND
Ground
6RFI/O
Module RF Tx Input / Rx Output, DC Blocked
7GND
Ground
8GND
Corner Ground
9
RXVCC4
LNA 2nd Stage Battery Bias
10
RX2IN
LNA 2nd Stage RF Input
11
GND
Ground
12
RX1OUT
LNA 1st Stage RF Output
13
RXVCC3
LNA 1st Stage Battery Bias
14
GND
Ground
15
GND
Corner Ground
16
ANT
Antenna RF Output/Input, DC Blocked
17
GND
Ground
18
GND
Ground
19
RXEN
Enable Voltage Input for Receive Channel
20
TXEN
Enable Voltage Input for Transmit Channel
21
PDET
PA Power Detected Voltage Output
22
GND
Corner Ground
23
GND
Ground
24
PAVCC2
Battery Bias Input for Final PA Stage
25
GND
Ground
26
NC
No Connect
27
DAVCC1
Battery Bias Input for Driver Stage
28
GND
Ground
29
GND
Center Ground Flag



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com