Electronic Components Datasheet Search
  English  ▼

X  

RFFC5061 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # RFFC5061
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6GHz MIXER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFFC5061 Datasheet(HTML) 3 Page - Qorvo, Inc

  RFFC5061 Datasheet HTML 1Page - Qorvo, Inc RFFC5061 Datasheet HTML 2Page - Qorvo, Inc RFFC5061 Datasheet HTML 3Page - Qorvo, Inc RFFC5061 Datasheet HTML 4Page - Qorvo, Inc RFFC5061 Datasheet HTML 5Page - Qorvo, Inc RFFC5061 Datasheet HTML 6Page - Qorvo, Inc RFFC5061 Datasheet HTML 7Page - Qorvo, Inc RFFC5061 Datasheet HTML 8Page - Qorvo, Inc RFFC5061 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3 of 25
RFFC5061/62
DS110614
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Mixer 1/2 (Mixer output driving 4:1 balun) (continued)
Input Port Frequency range
30
6000
MHz
Mixer input return loss
10
dB
100Ω differential
Output port frequency range
30
4500
MHz
Mixer 1/2 (Mixer output driving 1:1 balun)
Output Port Frequency Range
30
6000
MHz
Gain
-7
dB
Not including balun losses
Reference Oscillator
Crystal frequency
10
26
26
MHz
Reference divider ratio
1
7
Synthesizer (PLL Closed Loop, 26MHz Crystal)
Synthesizer Output Frequency
85
4200
MHz
Phase detector frequency
26
MHz
Phase noise (LO=1GHz)
-102
dBc/Hz
10kHz offset
-103
dBc/Hz
100kHz offset
-130
dBc/Hz
1MHz offset
0.30
0.40
°
RMS integrated from 1kHz to 40MHz
Phase noise (LO=2GHz)
-96
dBc/Hz
10kHz offset
-97
dBc/Hz
100kHz offset
-124
dBc/Hz
1MHz offset
0.45
0.60
°
RMS integrated from 1kHz to 40MHz
Phase noise (LO=3GHz)
-91
dBc/Hz
10kHz offset
-93
dBc/Hz
100kHz offset
-120
dBc/Hz
1MHz offset
0.80
1.00
°
RMS integrated from 1kHz to 40MHz
Phase noise (LO=4GHz)
-90
dBc/Hz
10kHz offset
-91
dBc/Hz
100kHz offset
-118
dBc/Hz
1MHz offset
0.85
1.10
°
RMS integrated from 1kHz to 40MHz
Normalized phase noise floor
-210
dBc/Hz
Measured at 20kHz to 30kHz offset
Voltage Controlled Oscillator
Open loop phase noise at 1MHz offset
2.5GHz LO frequency
-134
dBc/Hz
VCO3, LO Divide by 2
2.0GHz LO frequency
-135
dBc/Hz
VCO2, LO Divide by 2
1.5GHz LO frequency
-136
dBc/Hz
VCO1, LO Divide by 2
Open loop phase noise at 10MHz offset
2.5GHz LO frequency
-149
dBc/Hz
VCO3, LO Divide by 2
2.0GHz LO frequency
-150
dBc/Hz
VCO2, LO Divide by 2
1.5GHz LO frequency
-151
dBc/Hz
VCO1, LO Divide by 2
External LO Input
LO Input Frequency Range
85
4200
MHz
LO Divide by 1
LO Input Frequency Range
85
5400
MHz
LO Divide by 2
External LO Input Level
0
dBm
Driven from 50
 Source Via a 1:1 Balun



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com