Electronic Components Datasheet Search
  English  ▼

X  

RF6509 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # RF6509
Description  2.7V TO 3.6V MODULE FOR INTEGRATION WITH 900MHz SMART ENERGY AMI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF6509 Datasheet(HTML) 2 Page - Qorvo, Inc

  RF6509 Datasheet HTML 1Page - Qorvo, Inc RF6509 Datasheet HTML 2Page - Qorvo, Inc RF6509 Datasheet HTML 3Page - Qorvo, Inc RF6509 Datasheet HTML 4Page - Qorvo, Inc RF6509 Datasheet HTML 5Page - Qorvo, Inc RF6509 Datasheet HTML 6Page - Qorvo, Inc RF6509 Datasheet HTML 7Page - Qorvo, Inc RF6509 Datasheet HTML 8Page - Qorvo, Inc RF6509 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 of 12
RF6509
DS121128
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Overall
DC Supply Voltage
+5.0
V
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Low Noise Amplifier
DC Supply Current
32
mA
Input RF Power
5
dBm
Power Amplifier
DC Supply Current
1200
mA
Input RF Power
10
dBm
Transmit/Receive Switch
Input RF Power
33
dBm
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T = 25°C, PAVCC1 and PAVCC1 = 3.2V, PABIAS =
3.2V PAVREG = 2.85V, unless otherwise noted
Usable Frequency Range
868
902 to 928
MHz
Input Impedance
50
Input VSWR
2:1
Output Load VSWR
6:1
PA Section
CW Output Power
29
29.5
dBm
PABIAS, PIN = -3 < 0 < 3dBm
Small Signal Gain
29
31
dB
PABIAS, PIN = -20dBm
Second Harmonic
-42.5
dBc
PABIAS, POUT = 29.5dBm at ANT port
Third Harmonic
-72.5
dBc
PABIAS, POUT = 29.5dBm at ANT port
Fourth Harmonic
-42.5
dBc
PABIAS, POUT = 29.5dBm at ANT port
Input VSWR
2:1
Output VSWR
6:1
Oscillations <-60dBc
Power Supply Voltage
2.7
3.2
3.6
V
Power Supply Current
730
850
mA
PABIAS
70
100
AVCCPA = 3.2V, PABIAS = 3.2V, PAVREG = 0V,
Power Supply Current for PA VBIAS
18.0
20.0
mA
Power Supply Current for PA VREG
70.0
100.0
A
LNA Section
HIGH GAIN MODE
LNAVCC = 3.0V, LNAVREF = 3.0V, LNAVSEL =
0.0V, PABIAS = 0.0V, PAVREG = 0.0V
Gain
17.5
18
18.5
dB
902MHz to 928MHz
15.5
16.5
17.5
dB
868MHz
Noise Figure
2.4
3.4
dB
Input IP3
7.5
9.5
12
dBm
Output VSWR
1.6:1
2:1
2.4:1
Supply Current
12
mA
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RoHS (Restriction of Hazardous Substances): Compliant per EU Directive
2002/95/EC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com