Electronic Components Datasheet Search
  English  ▼

X  

RF6555SQ Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RF6555SQ
Description  2.0V TO 3.6V, 2.4GHz FRONT END MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF6555SQ Datasheet(HTML) 4 Page - Qorvo, Inc

  RF6555SQ Datasheet HTML 1Page - Qorvo, Inc RF6555SQ Datasheet HTML 2Page - Qorvo, Inc RF6555SQ Datasheet HTML 3Page - Qorvo, Inc RF6555SQ Datasheet HTML 4Page - Qorvo, Inc RF6555SQ Datasheet HTML 5Page - Qorvo, Inc RF6555SQ Datasheet HTML 6Page - Qorvo, Inc RF6555SQ Datasheet HTML 7Page - Qorvo, Inc RF6555SQ Datasheet HTML 8Page - Qorvo, Inc RF6555SQ Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Revision DS20150615
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
4 of 10
RF6555
RFMD + TriQuint = Qorvo
Control Logic Table
Mode
CE
C_RX_TX
C_LNA
ANTSEL
TX-ANT1
High
High
Low
Low
TX-ANT2
High
High
Low
High
RX-ANT1 LNA
High
Low
Low
Low
RX-ANT1 BYP
High
Low
High
Low
RX-ANT2 LNA
High
Low
Low
High
RX-ANT2 BYP
High
Low
High
High
Power Down
Low
Low
Low
Low



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com