Electronic Components Datasheet Search
  English  ▼

X  

RF5506 Datasheet(PDF) 9 Page - Qorvo, Inc

Part # RF5506
Description  5.15GHz TO 5.85GHz 802.11a/n FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF5506 Datasheet(HTML) 9 Page - Qorvo, Inc

  RF5506 Datasheet HTML 1Page - Qorvo, Inc RF5506 Datasheet HTML 2Page - Qorvo, Inc RF5506 Datasheet HTML 3Page - Qorvo, Inc RF5506 Datasheet HTML 4Page - Qorvo, Inc RF5506 Datasheet HTML 5Page - Qorvo, Inc RF5506 Datasheet HTML 6Page - Qorvo, Inc RF5506 Datasheet HTML 7Page - Qorvo, Inc RF5506 Datasheet HTML 8Page - Qorvo, Inc RF5506 Datasheet HTML 9Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9 of 9
RF5506
DS120326
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
10
15
20
25
30
35
40
123456789 10 11 12 13 14 15 16 17 18
Output Power (dBm)
Gain versus Output Power
VDD = 3.3V PA_EN = 3.0V
Temperature = 25C
5150 MHz
5500 MHz
5825 MHz
0.05
0.1
0.15
0.2
0.25
0.3
0.35
123456789 10 11 12 13 14 15 16 17 18
Output Power (dBm)
Operang Current versus Output Power
VDD = 3.3V PA_EN = 3.0V
Temperature = 25C
5150 MHz
5500 MHz
5825 MHz
0
1
2
3
4
5
6
7
8
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
Output Power (dBm)
EVM versus Output Power
VDD = 3.3V PA_EN = 3.0V
Temperature = 25C
5150 MHz
5500 MHz
5825 MHz
0
0.2
0.4
0.6
0.8
1
1.2
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
Output Power (dBm)
Power Detector versus Output Power
VDD = 3.3V PA_EN = 3.0V
Temperature = 25C
5150 MHz
5500 MHz
5825 MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com