Electronic Components Datasheet Search
  English  ▼

X  

RF3241PCBA Datasheet(PDF) 5 Page - Qorvo, Inc

Part # RF3241PCBA
Description  Quad-Band GSM, Polar EDGE Transmit Module, Six UMTS TRX Switch Ports
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF3241PCBA Datasheet(HTML) 5 Page - Qorvo, Inc

  RF3241PCBA Datasheet HTML 1Page - Qorvo, Inc RF3241PCBA Datasheet HTML 2Page - Qorvo, Inc RF3241PCBA Datasheet HTML 3Page - Qorvo, Inc RF3241PCBA Datasheet HTML 4Page - Qorvo, Inc RF3241PCBA Datasheet HTML 5Page - Qorvo, Inc RF3241PCBA Datasheet HTML 6Page - Qorvo, Inc RF3241PCBA Datasheet HTML 7Page - Qorvo, Inc RF3241PCBA Datasheet HTML 8Page - Qorvo, Inc RF3241PCBA Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20160209
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
5 of 17
RF3241
Parameter
Specification
Unit
Condition
Min
Typ
Max
Transmit, DCS Band
Nominal test conditions unless otherwise
stated. All unus
ed ports terminated in 50Ω.
VBAT=3.5V; PIN=3dBm; TA=+25°C;
VRAMP=1.6V; Duty Cycle=25%; Period=4.6ms;
Logic State=TX_HB
Frequency
1710
-
1785
MHz
Input Power (PIN)
0
3
6
dBm
Input VSWR
-
-
2.5
X:1
0
dBm ≤ P
OUT ≤ 30dBm
RF Output Power (POUT), Maximum
30.5
31.7
-
dBm
0dBm
≤ P
IN ≤ 6dBm
28.5
-
-
dBm
3.2V
≤ VBAT ≤ 4.5V; -20°C ≤ T
A ≤ 85°C; 0dBm ≤ PIN ≤
6dBm
RF Output Power (POUT), EDGE
26
-
-
dBm
0dBm
≤ P
IN ≤ 6dBm
24
-
-
dBm
3.2V
≤ VBAT ≤ 4.5V; -20°C ≤ T
A ≤ 85°C; 0dBm ≤ PIN ≤
6dBm
Efficiency (PAE), 30.0dBm
30
32
-
%
VRAMP adjusted for POUT=30dBm
Peak Supply Current, 30.0dBm
-
891
973
mA
Harmonic Peak, 2fo
-
-40
-33
dBm
Harmonic Peak, 3fo
-
-40
-33
dBm
Harmonic Peak, 4fo to 12.75GHz
-
-40
-33
dBm
RF Leakage, to Any TRX Port
-
-3
1.5
dBm
Non-harmonic Spurious up to 12.75GHz
-
-40
-36
dBm
0
dBm ≤ P
OUT ≤ 30dBm
Forward Isolation, OFF
-
-64
-53
dBm
CTL0=Low; PIN ≤ 6dBm; VRAMP=0.25V
Forward Isolation, TX_HB
-
-30
-15
dBm
CTL0=High; PIN ≤ 6dBm; VRAMP=0.25V
Noise Power 925MHz to 960MHz
-
-91
-81
dBm
VRAMP adjusted for POUT=30dBm; RBW=100kHz
Noise Power 1805MHz to 1880MHz
-
-88
-77
dBm
Stability (Spurious), VSWR 12:1
-
-
-36
dBm
VSWR=12:1; 0
° ≤ Phase ≤ 360°; (VRAMP adjusted for
POUT=30dBm into 50Ω load); RBW=3MHz
Ruggedness, VSWR 20:1
No damage or permanent degradation to
device
VSWR=20:1; 0°
≤ Phase ≤ 360°; (VRAMP adjusted for
POUT=30dBm into 50Ω load); RBW=3MHz ; 3.2V ≤ VBAT
≤ 4.5V; -20°C ≤ T
A ≤ 85°C; 0dBm ≤ PIN ≤ 6dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com