Electronic Components Datasheet Search
  English  ▼

X  

ACT16373QEP Datasheet(PDF) 3 Page - Texas Instruments

Part # ACT16373QEP
Description  16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ACT16373QEP Datasheet(HTML) 3 Page - Texas Instruments

  ACT16373QEP Datasheet HTML 1Page - Texas Instruments ACT16373QEP Datasheet HTML 2Page - Texas Instruments ACT16373QEP Datasheet HTML 3Page - Texas Instruments ACT16373QEP Datasheet HTML 4Page - Texas Instruments ACT16373QEP Datasheet HTML 5Page - Texas Instruments ACT16373QEP Datasheet HTML 6Page - Texas Instruments ACT16373QEP Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SN74ACT16373Q-EP
16-BIT D-TYPE TRANSPARENT LATCH
WITH 3-STATE OUTPUTS
SCAS678B – MAY 2002 – REVISED JULY 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage (see Note 4)
4.5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
IOH
High-level output current
–16
mA
IOL
Low-level output current
16
mA
Dt/Dv
Input transition rise or fall rate
0
10
ns/V
TA
Operating free-air temperature
–40
125
°C
NOTES:
3. Unused inputs should be tied to VCC through a pullup resistor of approximately 5 kW or greater to prevent them from floating. Refer
to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4. All VCC and GND pins must be connected to the proper-voltage power supply.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
IOH = 50 mA
4.5 V
4.4
4.4
IOH = –50 mA
5.5 V
5.4
5.4
VOH
IOH = 16 mA
4.5 V
3.94
3.7
V
OH
IOH = –16 mA
5.5 V
4.94
4.7
IOH = –24 mA†
5.5 V
3.85
IOL =50 mA
4.5 V
0.1
0.1
IOL = 50 mA
5.5 V
0.1
0.1
VOL
IOL =16mA
4.5 V
0.36
0.5
V
OL
IOL = 16 mA
5.5 V
0.36
0.5
IOL = 24 mA{
5.5 V
0.5
II
VI = VCC or GND
5.5 V
±0.1
±1
mA
IOZ
VO = VCC or GND
5.5 V
±0.5
±10
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
160
mA
DICC‡
One input at 3.4 V,
Other inputs at GND or VCC
5.5 V
0.9
1
mA
Ci
VI = VCC or GND
5 V
4.5
pF
Co
VI = VCC or GND
5 V
12
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ This is the increase in supply current for each input that is at one of the specified TTL-voltage levels rather than 0 V to VCC.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration, LE high
4
4
ns
tsu
Setup time, data before LE
↓
1
1
ns
th
Hold time, data after LE
↓
5
5
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com