Electronic Components Datasheet Search
  English  ▼

X  

74HCT86 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 74HCT86
Description  High Speed CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HCT86 Datasheet(HTML) 4 Page - Silicon Supplies

  74HCT86 Datasheet HTML 1Page - Silicon Supplies 74HCT86 Datasheet HTML 2Page - Silicon Supplies 74HCT86 Datasheet HTML 3Page - Silicon Supplies 74HCT86 Datasheet HTML 4Page - Silicon Supplies 74HCT86 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
High Speed CMOS TTL Input – 74HCT86
DC Electrical Characteristics Continued (Voltages Referenced to GND)
Rev 1.1
31/07/21
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
UNITS
FULL RANGE
4
25°C
85°C
Maximum Input
Leakage Current
IIN
5.5V
VIN = VCC or GND
±0.1
±1.0
±1.0
µA
Maximum Quiescent
Supply Leakage
Current
3
ICC
5.5V
VIN = VCC or GND
IOUT = 0µA
2
20
20
µA
≥ 0°C
25°C to 125°C
Additional Quiescent
Supply Current
5
ΔICC
5.5V
VIN = 2.4V,
Any One Input.
VIN = VCC or
GND, Other
Inputs
IOUT = 0µA
2.9
2.4
mA
AC Electrical Characteristics6
4. 0˚C ≤ TJ ≤ +85˚C..
5. Total Supply Current = ICC + ΣΔICC
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
FULL RANGE
4
25°C
85°C
UNITS
Maximum
Propagation Delay,
Input A to Input Y
(Figure 1,2)
5V
±10%
CL = 50pF,
tPLH
tr = tf = 6ns
24
30
36
Maximum
Propagation Delay,
Input A to Input Y
(Figure 1,2)
tPHL
5V
±10%
CL = 50pF,
tr = tf = 6ns
24
30
36
ns
Maximum Output
Rise and Fall Time
(Figure 1,2)
tTLH, tTHL
5V
±10%
CL = 50pF,
tr = tf = 6ns
15
19
22
ns
Maximum Input
Capacitance
CIN
-
-
10
10
10
pF
TYPICAL
Power Dissipation
Capacitance
Per Gate
7
CPD
TJ = 25°C,
-
pF
VCC =5.0V
36
6. Not production tested in die form, characterized by chip design and tested in package.
7. Used to determine the no-load dynamic power consumption: PD = CPD VCC
2f + ICC VCC.
Page 4 of 5
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com