Electronic Components Datasheet Search
  English  ▼

X  

MAX20019 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX20019
Description  3.5V to 16V Operating Supply Voltage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20019 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX20019 Datasheet HTML 1Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
 
MAX20020EVKIT
Evaluation Kit for the MAX20019/MAX20020
 
Description
The MAX20019/MAX20020 evaluation kits (EV kits) are fully assembled and tested
PCBs that demonstrate the MAX20019 and MAX20020 dual step-down converters with
integrated high-side and low-side MOSFETs.
The EV kits provide a high-efficiency power-conversion solution and generate low
output voltage from the dual step-down converters: OUT1 steps down up to 16V high
input to 3.3V to provide the power to OUT2, while OUT2 steps down the OUT1 voltage
to 1.8V. The 3.2MHz switching-frequency operation allows for the use of all ceramic
capacitors and minimizes external components. The EV kits feature on/off jumper
controls to enable/disable OUT1 and OUT2.
Key Features
3.5V to 16V Operating Supply Voltage
5V, 3.3V, 3.0V, and 2.8V Options at 500mA
Synchronous Step-Down Converter (OUT1)
1.8V, 1.5V, 1.2V, and 1V Options at 500mA
Synchronous Step-Down Converter (OUT2)
3.2MHz Operation Minimizes System Solution Size
Minimized External Components
Proven PCB Layout
Fully Assembled and Tested
Applications/Uses
Automotive Point-of-Load
Surround-View Camera Power Supplies
https://www.maximintegrated.com/en/products/power/switching‐regulators/MAX20020EVKIT.html/11‐18‐19 


Similar Part No. - MAX20019

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20019 MAXIM-MAX20019 Datasheet
107Kb / 1P
3.5V to 16V Operating Supply Voltage
MAX20019 MAXIM-MAX20019 Datasheet
908Kb / 18P
3.2MHz, 500mA Dual Step-Down Converters for Automotive Cameras
2019
MAX20019ATBA/V+ MAXIM-MAX20019ATBA/V+ Datasheet
908Kb / 18P
3.2MHz, 500mA Dual Step-Down Converters for Automotive Cameras
2019
MAX20019ATBA/VY+ MAXIM-MAX20019ATBA/VY+ Datasheet
908Kb / 18P
3.2MHz, 500mA Dual Step-Down Converters for Automotive Cameras
2019
MAX20019ATBB/V+ MAXIM-MAX20019ATBB/V+ Datasheet
908Kb / 18P
3.2MHz, 500mA Dual Step-Down Converters for Automotive Cameras
2019
More results

Similar Description - MAX20019

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN6851 PANASONIC-DN6851 Datasheet
25Kb / 2P
Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
DN6852 PANASONIC-DN6852 Datasheet
24Kb / 2P
Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
DN6853 PANASONIC-DN6853 Datasheet
24Kb / 2P
Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
logo
Hi-Sincerity Mocroelect...
H177 HSMC-H177 Datasheet
207Kb / 6P
Wide range of supply voltage: 3.5V to 28V.
logo
RICOH electronics devic...
R1190 RICOH-R1190 Datasheet
2Mb / 27P
1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
April 1, 2012
logo
Maxim Integrated Produc...
MAX3580EVKIT MAXIM-MAX3580EVKIT Datasheet
376Kb / 7P
3.1V to 3.5V Single-Supply Operation
Rev 0; 7/07
MAX20019EVKIT MAXIM-MAX20019EVKIT Datasheet
107Kb / 1P
3.5V to 16V Operating Supply Voltage
MAX25231EVKIT MAXIM-MAX25231EVKIT Datasheet
1Mb / 6P
3.5V to 36V Input Supply Range
Rev 0; 11/20
MAX20092EVSYS MAXIM-MAX20092EVSYS Datasheet
70Kb / 2P
Operating Input Supply Range: 9V to 16V
logo
Nisshinbo Micro Devices...
R1190X NISSHINBO-R1190X Datasheet
2Mb / 27P
1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com