Electronic Components Datasheet Search
  English  ▼

X  

D126606 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # D126606
Description  RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

D126606 Datasheet(HTML) 4 Page - NXP Semiconductors

  D126606 Datasheet HTML 1Page - NXP Semiconductors D126606 Datasheet HTML 2Page - NXP Semiconductors D126606 Datasheet HTML 3Page - NXP Semiconductors D126606 Datasheet HTML 4Page - NXP Semiconductors D126606 Datasheet HTML 5Page - NXP Semiconductors D126606 Datasheet HTML 6Page - NXP Semiconductors D126606 Datasheet HTML 7Page - NXP Semiconductors D126606 Datasheet HTML 8Page - NXP Semiconductors D126606 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
RF Device Data
NXP Semiconductors
A2V09H400--04S
Figure 2. A2V09H400--04S Test Circuit Component Layout
D126606
A2V09H400-04S
Rev. 0
VGGA
VDDA
VGGB
VDDB
cut out
area
aaa--035151
C11
C12
C1
C16
C17
C19
C18
C20
C21
C9
C22
C14
C2
R1
C3
R2
R3
C7
C4
C10
C6
C5
C8
C15
C13
Z1
C
P
Table 6. A2V09H400--04S Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C9, C12, C21
10 F Chip Capacitor
C5750X7S2A106M230KB
TDK
C2, C3, C7, C10, C13, C20
47 pF Chip Capacitor
600F470JT250XT
ATC
C4, C8
3.3 pF Chip Capacitor
600F3R3BT250XT
ATC
C5
5.6 pF Chip Capacitor
600F5R6BT250XT
ATC
C6
6.2 pF Chip Capacitor
600F6R2BT250XT
ATC
C11, C22
470 F, 100 V Electrolytic Capacitor
MCGPR100V477M16X32
Multicomp
C14
11 pF Chip Capacitor
600F110JT250XT
ATC
C15
10 pF Chip Capacitor
600F100JT250XT
ATC
C16
12 pF Chip Capacitor
600F120JT250XT
ATC
C17
7.5 pF Chip Capacitor
600F7R5JT250XT
ATC
C18
3.9 pF Chip Capacitor
600F3R9BT250XT
ATC
C19
5.1 pF Chip Capacitor
600F5R1BT250XT
ATC
R1
50 , 10 W Termination Chip Resistor
C10A50Z4
Anaren
R2, R3
4.75 , 1/4 W Chip Resistor
CRCW12064R75FKEA
Vishay
Z1
800–1000 MHz, 90, 2 dB Asymmetric Coupler
CMX09Q02
RN2 Technologies
PCB
Rogers RO4350B, 0.020, r =3.66
D126606
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com