Electronic Components Datasheet Search
  English  ▼

X  

TPS2085 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2085
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2085 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2085 Datasheet HTML 17Page - Texas Instruments TPS2085 Datasheet HTML 18Page - Texas Instruments TPS2085 Datasheet HTML 19Page - Texas Instruments TPS2085 Datasheet HTML 20Page - Texas Instruments TPS2085 Datasheet HTML 21Page - Texas Instruments TPS2085 Datasheet HTML 22Page - Texas Instruments TPS2085 Datasheet HTML 23Page - Texas Instruments TPS2085 Datasheet HTML 24Page - Texas Instruments TPS2085 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
www.ti.com
IN1
OC1
EN1
OC2
EN2
GND
0.1
µF
2
16
3
13
4
15
14
33
µF
33
µF
GND
1
OUT1
OUT2
TPS2044B
Power Supply
D+
D−
VBUS
GND
D+
D−
VBUS
Downstream
USB Ports
USB
Controller
3.3 V
5 V
OC3
EN3
OC4
EN4
12
7
9
8
6
IN2
+
+
5
GND
11
10
33
µF
33
µF
GND
OUT3
OUT4
D+
D−
VBUS
GND
D+
D−
VBUS
+
+
LOW-POWER BUS-POWERED AND HIGH-POWER BUS-POWERED FUNCTIONS
TPS2041B,, TPS2042B
TPS2043B, TPS2044B, TPS2051B
TPS2052B, TPS2053B, TPS2054B
SLVS514E – APRIL 2004 – REVISED JANUARY 2006
APPLICATION INFORMATION (continued)
Figure 31. Typical Four-Port USB Host / Self-Powered Hub
Bus-powered hubs obtain all power from upstream ports and often contain an embedded function. The hubs are
required to power up with less than one unit load. The BPH usually has one embedded function, and power is
always available to the controller of the hub. If the embedded function and hub require more than 100 mA on
power up, the power to the embedded function may need to be kept off until enumeration is completed. This can
be accomplished by removing power or by shutting off the clock to the embedded function. Power switching the
embedded function is not necessary if the aggregate power draw for the function and controller is less than one
unit load. The total current drawn by the bus-powered device is the sum of the current to the controller, the
embedded function, and the downstream ports, and it is limited to 500 mA from an upstream port.
Both low-power and high-power bus-powered functions obtain all power from upstream ports; low-power
functions always draw less than 100 mA; high-power functions must draw less than 100 mA at power up and can
draw up to 500 mA after enumeration. If the load of the function is more than the parallel combination of 44
Ω
and 10 µF at power up, the device must implement inrush current limiting (see Figure 32).
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com