Electronic Components Datasheet Search
  English  ▼

X  

CAD50FD Datasheet(PDF) 1 Page - Schneider Electric

Part # CAD50FD
Description  TeSys D control relay - 5 NO - <= 690 V - 110 V DC standard coil
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

CAD50FD Datasheet(HTML) 1 Page - Schneider Electric

  CAD50FD Datasheet HTML 1Page - Schneider Electric CAD50FD Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
CAD50FD
TeSys D control relay - 5 NO - <= 690 V - 110 V
DC standard coil
Product availability : Stock - Normally stocked in distribution facility
Price* : 112.20 USD
Main
Range
TeSys
Product name
TeSys CAD
Product or component type
Control relay
Device short name
CAD
Contactor application
Control circuit
Complementary
Utilisation category
AC-15
AC-14
DC-13
Pole contact composition
5 NO
Mounting support
Rail
Plate
Mechanical durability
30 Mcycles
Time constant
28 ms
Height
3.03 in (77 mm)
Width
1.77 in (45 mm)
Depth
3.66 in (93 mm)
Net weight
1.28 lb(US) (0.58 kg)
Environment
Product certifications
CSA
UL
Ambient air temperature for storage
-76…176 °F (-60…80 °C)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Sep 6, 2021
1


Similar Part No. - CAD50FD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
CAD50F7 SCHNEIDER-CAD50F7 Datasheet
143Kb / 3P
TeSys D control relay - 5 NO - <= 690 V - 110 V AC standard coil
Aug 31, 2021
More results

Similar Description - CAD50FD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
CAD50BD SCHNEIDER-CAD50BD Datasheet
149Kb / 3P
TeSys D control relay - 5 NO - <= 690 V - 24 V DC standard coil
Aug 31, 2021
CAD50F7 SCHNEIDER-CAD50F7 Datasheet
143Kb / 3P
TeSys D control relay - 5 NO - <= 690 V - 110 V AC standard coil
Aug 31, 2021
CAD50GD SCHNEIDER-CAD50GD Datasheet
144Kb / 2P
TeSys D control relay - 5 NO - <= 690 V - 125 V DC standard coil
Sep 6, 2021
CAD50UD SCHNEIDER-CAD50UD Datasheet
144Kb / 2P
TeSys D control relay - 5 NO - <= 690 V - 250 V DC standard coil
Sep 6, 2021
CAD50Y7 SCHNEIDER-CAD50Y7 Datasheet
137Kb / 2P
TeSys D control relay - 5 NO - <= 690 V - 690 V AC standard coil
Sep 7, 2021
CAD503FD SCHNEIDER-CAD503FD Datasheet
137Kb / 3P
TeSys D control relay - 5 NO - <= 690 V - 110 V DC standard coil
Sep 7, 2021
CAD506BD SCHNEIDER-CAD506BD Datasheet
147Kb / 3P
TeSys D control relay - 5 NO - <= 690 V - 24 V DC standard coil
Sep 6, 2021
CAD506F7 SCHNEIDER-CAD506F7 Datasheet
141Kb / 3P
TeSys D control relay - 5 NO - <= 690 V - 110 V AC standard coil
Sep 7, 2021
CAD506FD SCHNEIDER-CAD506FD Datasheet
147Kb / 3P
TeSys D control relay - 5 NO - <= 690 V - 110 V DC standard coil
Sep 7, 2021
CAD506MD SCHNEIDER-CAD506MD Datasheet
147Kb / 3P
TeSys D control relay - 5 NO - <= 690 V - 220 V DC standard coil
Sep 7, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com