Electronic Components Datasheet Search
  English  ▼

X  

09060163302 Datasheet(PDF) 2 Page - HARTING Technology Group

Part # 09060163302
Description  DIN-Power universal adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09060163302 Datasheet(HTML) 2 Page - HARTING Technology Group

  09060163302 Datasheet HTML 1Page - HARTING Technology Group 09060163302 Datasheet HTML 2Page - HARTING Technology Group 09060163302 Datasheet HTML 3Page - HARTING Technology Group 09060163302 Datasheet HTML 4Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product data sheet
09 06 016 3302
DIN-Power universal adapter
Technical characteristics
Isolation group
IIIa (175 ≤ CTI < 400)
Hot plugging
No
Material properties
Material (insert)
Thermoplastic resin, glass-fibre filled
Colour (insert)
RAL 7032 (pebble grey)
Material flammability class acc. to UL 94
V-0
RoHS
compliant
ELV status
compliant
China RoHS
e
REACH Annex XVII substances
No
REACH ANNEX XIV substances
No
REACH SVHC substances
No
Specifications and approvals
Specifications
IEC 60603-2
UL / CSA
UL 1977 ECBT2.E102079
CSA-C22.2 No. 182.3 ECBT8.E102079
Railway classification
F1/I2 acc. to NFF 16-101/102
Commercial data
Packaging size
20
Net weight
10 g
Country of origin
Germany
European customs tariff number
85389099
eCl@ss
27460201 PCB connector (board connector)
Page 2 / 4 | Creation date 2021-08-27 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electronics GmbH | Marienwerderstraße 3 | 32339 Espelkamp | Germany
Phone +49 5772 47-97200 | electronics@HARTING.com | www.HARTING.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com