Electronic Components Datasheet Search
  English  ▼

X  

FC5201 Datasheet(PDF) 2 Page - Beckhoff Automation GmbH & Co. KG

Part # FC5201
Description  Infrastructure, 1-channel fieldbus card, DeviceNet, master, PCI, open style connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
Direct Link  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

FC5201 Datasheet(HTML) 2 Page - Beckhoff Automation GmbH & Co. KG

  FC5201 Datasheet HTML 1Page - Beckhoff Automation GmbH & Co. KG FC5201 Datasheet HTML 2Page - Beckhoff Automation GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FC5201
https://www.beckhoff.com/fc5201
Technical changes reserved
As of 23.08.2021 | Site 2 of 2
Data transfer rates
125, 250, 500 kbaud
Bus interface
open style connector, 5-pin, according to DeviceNet specification, galvanically decoupled
(Connector is supplied.)
Terminationresistor
switchable
Hardware diagnosis
2 LEDs per channel
Bit widthinthe process image
per channel total max.: 3 kbyte input and output data
NOVRAM
–
32 kbytes
Dimensions
approx. 106 mm x 175 mm
Operating temperature
0…+55 °C
Driver
TwinCAT I/O and higher levels
Ordering Information
Ordering information
FC5201-0000
DeviceNet master PC interface card, 1-channel, PCI bus
FC5201-0002
DeviceNet master PC interface card, 1-channel, PCI bus, with 32 kbyte of NOVRAM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com