Electronic Components Datasheet Search
  English  ▼

X  

TLM2A Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # TLM2A
Description  SMD Current Sense Metal Chip Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

TLM2A Datasheet(HTML) 1 Page - TE Connectivity Ltd

  TLM2A Datasheet HTML 1Page - TE Connectivity Ltd TLM2A Datasheet HTML 2Page - TE Connectivity Ltd TLM2A Datasheet HTML 3Page - TE Connectivity Ltd TLM2A Datasheet HTML 4Page - TE Connectivity Ltd TLM2A Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Current Sense Metal Chip Resistor
1773269-1 CIS WR 01/2015
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Key Features
Low resistance
resistor for
current detection
Small size to
power ratio
Metal foil
construction
ensures high
reliability and
performance with
very low and
stable TCR
Designed for
current sense
circuits in power
electronic
systems
Terminal finish
matte Sn over Ni
Type TLM Series
TE Connectivity is pleased to introduce this low ohmic metal chip resistor
designed for current sense circuits in power electronic systems. Supplied as
standard on tape and reel for automatic insertion processes.
Characteristics – Electrical
Type
Power Rating @
70°C
Operating Temp.
Range
Resistance Range (mΩ)
TCR (PPM/°C)
±1%
±2%
±5%
TLM 1J
0.125W
-55~+55°C
10 - 19
±100
20 - 100
±50
±100
TLM 2A
0.25W
10 - 19
±100
20 - 100
±50
±100
TLM 2B
0.5W
10 – 19
±100
20 - 100
±50
±100
TLM 2H
0.75W
10 – 19
±100
20 - 100
±50
±100
TLM 3A
1W
10 – 19
±100
20 - 100
±50
±100
Operating Voltage=√(P*R) ; Overload Voltage=2.5*√(P*R) ; Operating Current=√(P/R)


Similar Part No. - TLM2A

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TLM2ADR022FTD TEC-TLM2ADR022FTD Datasheet
514Kb / 5P
SMD Current Sense Metal Chip Resistor
01/2015
TLM2AER01JTD TEC-TLM2AER01JTD Datasheet
514Kb / 5P
SMD Current Sense Metal Chip Resistor
01/2015
More results

Similar Description - TLM2A

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
TLR2BND KOA-TLR2BND Datasheet
97Kb / 2P
metal plate current sense resistor
logo
IRC - a TT electronics ...
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
Metal Element Current Sense Resistor
logo
KOA Speer Electronics, ...
TLR3ADTE2L00F75 KOA-TLR3ADTE2L00F75 Datasheet
281Kb / 2P
metal plate current sense resistor
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
Metal plate current sense resistor
logo
Bourns Electronic Solut...
CRF2512 BOURNS-CRF2512 Datasheet
133Kb / 1P
Metal Alloy Current Sense Resistor
logo
KOA Speer Electronics, ...
TLR2B KOA-TLR2B Datasheet
443Kb / 2P
metal plate current sense resistor
TLR-2BW KOA-TLR-2BW Datasheet
442Kb / 2P
metal plate current sense resistor
logo
Riedon Powertron
CSR2512A0R02F RIEDON-CSR2512A0R02F Datasheet
170Kb / 3P
Power Current Sense Chip Resistor
logo
Token Electronics Indus...
LRC TOKEN-LRC Datasheet
943Kb / 12P
Metal Strip Chip Current Sense Resistor
logo
Bourns Electronic Solut...
CFN BOURNS-CFN Datasheet
464Kb / 5P
Metal Foil, Current Sense Resistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com