Electronic Components Datasheet Search
  English  ▼

X  

MAX21003 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX21003
Description  Ultra-Accurate, Low Power, Dual-Axis Digital Output Gyroscope
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX21003 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX21003 Datasheet HTML 1Page - Maxim Integrated Products MAX21003 Datasheet HTML 2Page - Maxim Integrated Products MAX21003 Datasheet HTML 3Page - Maxim Integrated Products MAX21003 Datasheet HTML 4Page - Maxim Integrated Products MAX21003 Datasheet HTML 5Page - Maxim Integrated Products MAX21003 Datasheet HTML 6Page - Maxim Integrated Products MAX21003 Datasheet HTML 7Page - Maxim Integrated Products MAX21003 Datasheet HTML 8Page - Maxim Integrated Products MAX21003 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MAX21003
Ultra-Accurate, Low Power,
Dual-Axis Digital Output Gyroscope
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)
(VDD = VDDIO = 2.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IO DC SPECIFICATIONS (Note 9)
Input Threshold Low
VIL
TA = +25°C
+0.3 x
VDDIO
V
InputThresholdHigh
VIH
TA = +25°C
0.7 x
VDDIO
V
HysteresisofSchmittTriggerinput
VHYS
TA = +25°C
0.05 x
VDDIO
V
Output Current
(Note8)
IOH/IOL
I2C_CFG[3:2]=00
3
mA
I2C_CFG[3:2]=01
6
mA
I2C_CFG[3:2]=11
12
mA
SPI SLAVE TIMING VALUES (Note 10)
CLKFrequency
fC_CLK
10
MHz
CS Setup Time
tSU_CS
10
ns
CSHoldTime
tH_CS
15
ns
SDI Input Setup Time
tSU_SI
10
ns
SDIInputHoldTime
tH_SI
15
ns
CLKFalltoSDOValidOutputTime
tV_SDO
50
ns
SDOOutputHoldTime
TH_SO
10
ns
I2C TIMING (Note 9)
SCL Clock Frequency
fSCL
Standard mode
0
100
kHz
Fast mode
0
400
HoldTime(Repeated)START
Condition
tHD;STA
Standard mode
4.0
µs
Fast mode
0.6
Low Period of SCL Clock
tLOW
Standard mode
4.7
µs
Fast mode
1.3
HighPeriodofSCLClock
tHIGH
Standard mode
4.0
µs
Fast mode
0.6
Setup Time for a Repeated START
Condition
tSU;STA
Standard mode
4.7
µs
Fast mode
0.6
DataHoldTime
tHD;DAT
Standard mode
0
µs
Fast mode
0
Data Setup Time
tSU;DAT
Standard mode
250
ns
Fast mode
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com