Electronic Components Datasheet Search
  English  ▼

X  

MAX20745 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX20745
Description  4.5V to 16V power supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20745 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX20745 Datasheet HTML 1Page - Maxim Integrated Products MAX20745 Datasheet HTML 2Page - Maxim Integrated Products MAX20745 Datasheet HTML 3Page - Maxim Integrated Products MAX20745 Datasheet HTML 4Page - Maxim Integrated Products MAX20745 Datasheet HTML 5Page - Maxim Integrated Products MAX20745 Datasheet HTML 6Page - Maxim Integrated Products MAX20745 Datasheet HTML 7Page - Maxim Integrated Products MAX20745 Datasheet HTML 8Page - Maxim Integrated Products MAX20745 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Evaluates: MAX20745
MAX20745 Evaluation Kit
General Description
The MAX20745 Evaluation Kit (EV kit) serves as a
reference platform for evaluating the MAX20745
voltage regulator IC. This single-chip, integrated switching
regulator provides an extremely compact, low-cost, high-
ly efficient, fast, accurate and reliable power delivery
solution for emerging low-output voltage applications up
to 25A. Refer to the MAX20745 IC data sheet for more
information.
The EV kit consists of a fully assembled and tested
PCB implementation of the MAX20745. Jumper pins,
test points, and input/output connectors are included for
flexibility and ease-of-use in a wide range of applications.
The evaluation board is configured with an “edge strip” to
allow high di/dt loading when evaluating the system. The
+VOUT connection is on the top side, while the return (or
-VOUT) is on the bottom side, directly mirroring the top-
side strip.
Either solder directly to the output “strip” or use the J8
terminal block to interface to a load.
Features
● High Efficiency and Power Density
● Low Component Count
● Small Solution Size
• 509mm2 Including Inductor and Output Capacitors
● Optimized Performance
● Reduced Design-In Time
● Proven PCB Layout
● Fully Assembled and Tested
19-7763 Rev 0; 10/15
Ordering Information appears at end of data sheet.
Getting Started
Required Equipment
● MAX20745 EV kit
● 4.5V to 16V power supply
● 0A to 25A Load
● Oscillocope, probes, voltmeter
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation:
1) Connect a 4.5V to 16V input supply to J1.
• Optionally, connect supply sense leads to VDD1
and GND1 for best accuracy.
2) Connect the load to J3 or J8.
3) Connect the VOUT scope probe/voltmeter to J4 or
J11, as desired.
• J4 and J11 are connected to the sense point for
best accuracy.
4) Position the SW1 toggle switch, pointing away from
J1 to enable the MAX20745 (if desired).
5) Turn on the power supply set to 12V and observe that
VOUT = 1V.
6) For efficiency measurements, J6 has appropriate
Kelvin sense points.


Similar Part No. - MAX20745

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20745 MAXIM-MAX20745 Datasheet
1Mb / 26P
Integrated, Step-Down Switching Regulator
2020
MAX20745EPL+ MAXIM-MAX20745EPL+ Datasheet
1Mb / 26P
Integrated, Step-Down Switching Regulator
2020
MAX20745EPL+T MAXIM-MAX20745EPL+T Datasheet
1Mb / 26P
Integrated, Step-Down Switching Regulator
2020
More results

Similar Description - MAX20745

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6505 MPS-MP6505 Datasheet
402Kb / 12P
4.5V-to-16V,400mA, Single-Phase Brushless-DC.Motor Driver
logo
Maxim Integrated Produc...
MAXM15062 MAXIM-MAXM15062 Datasheet
925Kb / 10P
One 4.5V to 60V, 300mA power supply
Rev 0; 3/19
MAXM15464 MAXIM-MAXM15464 Datasheet
1Mb / 9P
One 4.5V to 42V DC, 300mA power supply
Rev 0; 1/19
MAX17290EVKIT MAXIM-MAX17290EVKIT Datasheet
2Mb / 13P
4.5V to 7.3V, 10A DC power supply
Rev 0; 3/16
MAX20743EVKIT MAXIM-MAX20743EVKIT Datasheet
888Kb / 10P
4.5V to 16V power supply
Rev 0; 7/16
MAX20735EVKIT MAXIM-MAX20735EVKIT Datasheet
826Kb / 10P
4.5V to 16V power supply
Rev 0; 8/16
MAX20734EVKIT MAXIM-MAX20734EVKIT Datasheet
877Kb / 10P
4.5V to 16V power supply
Rev 0; 8/16
MAX20733EVKIT MAXIM-MAX20733EVKIT Datasheet
854Kb / 10P
4.5V to 16V power supply
Rev 0; 8/16
MAX20730EVKIT MAXIM-MAX20730EVKIT Datasheet
820Kb / 10P
4.5V to 16V power supply
Rev 0; 10/15
MAX25615EVKIT MAXIM-MAX25615EVKIT Datasheet
757Kb / 7P
4V to 16V Single Power-Supply Range
Rev 0; 4/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com