Electronic Components Datasheet Search
  English  ▼

X  

MAX20459 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX20459
Description  Fully Assembled and Tested
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20459 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX20459 Datasheet HTML 1Page - Maxim Integrated Products MAX20459 Datasheet HTML 2Page - Maxim Integrated Products MAX20459 Datasheet HTML 3Page - Maxim Integrated Products MAX20459 Datasheet HTML 4Page - Maxim Integrated Products MAX20459 Datasheet HTML 5Page - Maxim Integrated Products MAX20459 Datasheet HTML 6Page - Maxim Integrated Products MAX20459 Datasheet HTML 7Page - Maxim Integrated Products MAX20459 Datasheet HTML 8Page - Maxim Integrated Products MAX20459 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX20459
MAX20459 Evaluation Kit
Initial Setup
Note: In the following sections, software-related items are
identified by bolding. Text in
bold refers to items directly
from the EV kit software. Text in
bold and underlined
refers to items from the Windows operating system.
The EV kit is fully assembled and tested. Follow the steps
below to set up the board for evaluation.
1) MAX20459 GUI is installed on a PC.
2) Verify the EV kit has ATJA variant of MAX20459 for
I2C, and R3/R4 are removed per Table 1.
3) Verify SW1 switch is set to HVEN = ON, ENBUCK =
ON, SYNC = OFF, DCP_MODE = OFF.
4) Using the jumper wires, connect the MINIQUSB to
the EV kit as follows:
•
SCL to SCL
•
SDA to SDA
•
GND to GND
5) Connect the MINIQUSB to the computer and install
driver if necessary.
6) Verify the MINIQUSB is recognized in the
Windows
Device Manager as USB Serial Converter.
7) Set the VBAT power supply to 14V output, 2A current
limit. Turn the output off. Connect the negative lead
to the GND test loop on the EV kit. Connect the posi-
tive lead to VBAT_FLT test loop on the EV kit.
8) Turn the VBAT power supply output on.
9) Plug the USB-C to USB-C cable into the EV kit.
10) Plug the USB-C cable into a USB type-C device that
can charge (i.e. smartphone).
Figure 4. MAX20459 GUI Startup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com