Electronic Components Datasheet Search
  English  ▼

X  

PD69208T4 Datasheet(PDF) 27 Page - Microchip Technology

Part # PD69208T4
Description  PoE PSE Manager
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69208T4 Datasheet(HTML) 27 Page - Microchip Technology

Back Button PD69208T4 Datasheet HTML 23Page - Microchip Technology PD69208T4 Datasheet HTML 24Page - Microchip Technology PD69208T4 Datasheet HTML 25Page - Microchip Technology PD69208T4 Datasheet HTML 26Page - Microchip Technology PD69208T4 Datasheet HTML 27Page - Microchip Technology PD69208T4 Datasheet HTML 28Page - Microchip Technology PD69208T4 Datasheet HTML 29Page - Microchip Technology PD69208T4 Datasheet HTML 30Page - Microchip Technology PD69208T4 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Table 5-3. Classification Reflow Profiles
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average ramp-up rate (TSmax to Tp)
3 °C/second max
3 °C/second max
Preheat
Temperature min (TSmin)
100 °C
150 °C
Temperature max (TSmax)
150 °C
200 °C
Time (tsmin to tsmax)
60 s to 120 s
60 s to 180 s
Time Maintained
Temperature (TL)
183 °C
217 °C
Time (tL)
60 s to 150 s
60 s to 150 s
Peak classification temperature (TP)
210 °C to 235 °C
240 °C to 255 °C
Time within 5 °C of actual peak temperature
(tp)
10 s to 30 s
20 s to 40 s
Ramp-down rate
6 °C/second max
6 °C/second max
Time 25 °C to peak temperature
6 minutes max
8 minutes max
Figure 5-7. Classification Reflow Profiles
Table 5-4. Pb-Free Process—Package Classification Reflow Temperatures
Package Thickness
Volume <350 mm3
Volume 350–2000 mm3
Volume >2000 mm3
Less than 1.6 mm1
260 + 0 °C
260 + 0 °C
260 + 0 °C
1.6 mm to 2.5 mm1
260 + 0 °C
250 + 0 °C
245 + 0 °C
Greater than or equal to
2.5 mm1
250 + 0 °C
245 + 0 °C
245 + 0 °C
1.
Tolerance: The device manufacturer or supplier should assure process compatibility up to and including the
stated classification temperature, meaning that the Peak reflow temperature is +0 °C. For example, 260 °C to
0 °C, at the rated MSL value.
Note: Exceeding the ratings that are mentioned in the preceding table might cause damage to the device.
PD69208T4/PD69204T4/PD69208M
Package Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003428C-page 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com