Electronic Components Datasheet Search
  English  ▼

X  

RFXF0010TR13 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # RFXF0010TR13
Description  1:1 SMT Transformer 45MHz to 1200MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFXF0010TR13 Datasheet(HTML) 2 Page - Qorvo, Inc

  RFXF0010TR13 Datasheet HTML 1Page - Qorvo, Inc RFXF0010TR13 Datasheet HTML 2Page - Qorvo, Inc RFXF0010TR13 Datasheet HTML 3Page - Qorvo, Inc RFXF0010TR13 Datasheet HTML 4Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140228
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 4
RFXF0010
Absolute Maximum Ratings
Parameter
Rating
Unit
RF Power
2
W
Operating Temperature Range
-40 to +100
°C
Storage Temperature Range
-55 to +100
°C
RoHS (Restriction of Hazardous
Substances): Compliant per EU Directive
2011/65/EU.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
T=25°C.
Operating Frequency Range
45
1200
MHz
Insertion Loss
1.1
1.3
dB
45 MHz to 100 MHz
0.8
1.1
dB
100 MHz to 600 MHz
0.8
1.1
dB
600 MHz to 1200 MHz
Input Return Loss
14
16
dB
45 MHz to 100 MHz
18
20
dB
100 MHz to 600 MHz
13
15
dB
600 MHz to 1200 MHz
Amplitude Balance
0.2
0.5
dB
45 MHz to 100 MHz
0.2
0.4
dB
100 MHz to 600 MHz
0.8
1.1
dB
600 MHz to 1200 MHz
Phase Balance
0.8
6.0
°
45 MHz to 100 MHz, Nominal Phase Difference is 180°
3.4
6.0
°
100 MHz to 600 MHz, Nominal Phase Difference is 180°
3.9
6.0
°
600 MHz to 1200 MHz, Nominal Phase Difference is 180°
Impedance Ratio
1:1
Type
– Transmission Line
Unbalanced to Balanced



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com