Electronic Components Datasheet Search
  English  ▼

X  

RFPA5552 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFPA5552
Description  Wi-Fi Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFPA5552 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFPA5552 Datasheet HTML 1Page - Qorvo, Inc RFPA5552 Datasheet HTML 2Page - Qorvo, Inc RFPA5552 Datasheet HTML 3Page - Qorvo, Inc RFPA5552 Datasheet HTML 4Page - Qorvo, Inc RFPA5552 Datasheet HTML 5Page - Qorvo, Inc RFPA5552 Datasheet HTML 6Page - Qorvo, Inc RFPA5552 Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RFPA5552
Wi-Fi Power Amplifier
RFPA5552 Data Sheet 022719 | Subject to change without notice
1 of 7
www.qorvo.com
Product Overview
The Qorvo® RFPA5552 is a three-stage power amplifier (PA)
designed for Wi-Fi 5 (802.11ac) systems. The compact form
factor and integrated matching minimizes layout area in the
application and greatly reduces the number of external
components.
Performance is focused on optimizing the PA for a 3.3V supply
voltage that conserves power consumption while maintaining
the highest linear output power and leading edge throughput.
A key feature is the integration of a DC power detector with
logarithmic feedback across power which enables power control
to lower powers and enables the possibility to calibrate against
a constant slope for applications which use higher gain
antennas or end users wanting to reduce device calibration time
in production.
The RFPA5552 integrates a 5GHz power amplifier (PA),
regulator and power detector into a single device.
Functional Block Diagram
Top View
20 Pin 4x4 mm QFN Package
Key Features
• 4900 – 5925 MHz
• POUT = +15 dBm MCS11 HE80 -43 dB Dynamic EVM
• POUT = +21 dBm MCS9 VHT80 -35 dB Dynamic EVM
• POUT = +22 dBm MCS7 HT20/40 -30 dB Dynamic EVM
• POUT = +24 dBm MCS0 HT20 Spectral Mask Compliance
• Optimized for +3.3 V Operation
• 32 dB Tx Gain
• Low Power Consumption ~0.9W at +21dBm
• Integrated DC Logarithmic Power Detector
• Input and Output Matched to 50Ω
Applications
• Access Points
• Wireless Routers
• Residential Gateways
• Customer Premise Equipment
• Internet of Things
Ordering Information
Part Number
Description
RFPA5552SB
Sample bag with 5 pieces
RFPA5552SQ
Sample bag with 25 pieces
RFPA5552SR
7” reel with 100 pieces
RFPA5552TR13
13” reel with 2,500 pieces
RFPA5552PCK-410
Assembled Evaluation Board


Similar Part No. - RFPA5552

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA5552 RFMD-RFPA5552 Datasheet
612Kb / 7P
Wi-Fi Integrated PA Module
RFPA5552PCK-410 RFMD-RFPA5552PCK-410 Datasheet
612Kb / 7P
Wi-Fi Integrated PA Module
RFPA5552SB RFMD-RFPA5552SB Datasheet
612Kb / 7P
Wi-Fi Integrated PA Module
RFPA5552SQ RFMD-RFPA5552SQ Datasheet
612Kb / 7P
Wi-Fi Integrated PA Module
RFPA5552SR RFMD-RFPA5552SR Datasheet
612Kb / 7P
Wi-Fi Integrated PA Module
More results

Similar Description - RFPA5552

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
Wi-Fi MODULE
WF121-E ETC2-WF121-E Datasheet
457Kb / 7P
Wi-Fi Module
logo
RF Micro Devices
RFFM4227 RFMD-RFFM4227 Datasheet
425Kb / 6P
Wi-Fi Low Noise Amplifier
RFFM4527 RFMD-RFFM4527 Datasheet
354Kb / 7P
Wi-Fi Low Noise Amplifier
logo
Qorvo, Inc
QPA5219 QORVO-QPA5219 Datasheet
142Kb / 2P
Wi-Fi Power Amplifier
RFPA5562 QORVO-RFPA5562 Datasheet
695Kb / 7P
Wi-Fi Power Amplifer
RFFM4227 QORVO-RFFM4227 Datasheet
425Kb / 6P
Wi-Fi Low Noise Amplifier
RFPA5218 QORVO-RFPA5218 Datasheet
564Kb / 7P
Wi-Fi Power Amplifier
logo
Dialog Semiconductor
DA16200 DIALOG-DA16200 Datasheet
3Mb / 94P
Ultra Low Power Wi-Fi SoC
logo
Qorvo, Inc
TQP5525 QORVO-TQP5525 Datasheet
606Kb / 11P
Wi-Fi Power Amplifer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com