Electronic Components Datasheet Search
  English  ▼

X  

RFPA5218 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFPA5218
Description  Wi-Fi Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFPA5218 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFPA5218 Datasheet HTML 1Page - Qorvo, Inc RFPA5218 Datasheet HTML 2Page - Qorvo, Inc RFPA5218 Datasheet HTML 3Page - Qorvo, Inc RFPA5218 Datasheet HTML 4Page - Qorvo, Inc RFPA5218 Datasheet HTML 5Page - Qorvo, Inc RFPA5218 Datasheet HTML 6Page - Qorvo, Inc RFPA5218 Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RFPA5218
Wi-Fi Power Amplifier
Data Sheet 20160929 | Subject to change without notice
1 of 7
www.qorvo.com
Product Overview
The Qorvo® RFPA5218 is a three-stage power amplifier (PA)
designed for Wi-Fi. The compact form factor and integrated
matching minimizes layout area in the application.
Performance is focused on optimizing for power consumption
while maintaining the highest linear output power and leading
edge throughput that leads to greater ranges.
The design significantly minimizes external component needs
leading to a simplified board implementation and more
consistent performance at a system level over a variety of
conditions
The RFPA5218 integrates a 2 GHz power amplifier (PA),
regulator and a power detector for improved accuracy.
Functional Block Diagram
Top View
16 Pin 3x3 mm Laminate Package
Key Features
 2400-2500 MHz
 POUT = +24dBm MCS8/9 VHT20/40 -35dB Dynamic EVM
 POUT = +25dBm MCS7 HT20 -30dB Dynamic EVM
 POUT = +26dBm 802.11g -28dB Dynamic EVM
 POUT = +28.5dBm 802.11b @ Spectral Mask Compliance
 Optimized for +5 V Operation
 32 dB Tx Gain
 Integrated DC Power Detector
 MCS11 Capable
Applications
 Access Points
 Wireless Routers
 Client Equipment
 Customer Premise Equipment
 Internet of Things
Ordering Information
Part Number
Description
RFPA5218SB
Sample bag with 5 pieces
RFPA5218SQ
Sample bag with 25 pieces
RFPA5218SR
7
” reel with 100 pieces
RFPA5218TR7
7
” reel with 2500 pieces
RFPA5218TR13
13
” reel with 5000 pieces
RFPA5218PCK401
Evaluation Board with 5 loose pieces


Similar Part No. - RFPA5218

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA5200 RFMD-RFPA5200 Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
logo
Qorvo, Inc
RFPA5200 QORVO-RFPA5200 Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
logo
RF Micro Devices
RFPA5200PCK-410 RFMD-RFPA5200PCK-410 Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
logo
Qorvo, Inc
RFPA5200PCK-410 QORVO-RFPA5200PCK-410 Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
logo
RF Micro Devices
RFPA5200PCK-411 RFMD-RFPA5200PCK-411 Datasheet
811Kb / 8P
3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
More results

Similar Description - RFPA5218

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
Wi-Fi MODULE
WF121-E ETC2-WF121-E Datasheet
457Kb / 7P
Wi-Fi Module
logo
RF Micro Devices
RFFM4227 RFMD-RFFM4227 Datasheet
425Kb / 6P
Wi-Fi Low Noise Amplifier
RFFM4527 RFMD-RFFM4527 Datasheet
354Kb / 7P
Wi-Fi Low Noise Amplifier
logo
Qorvo, Inc
QPA5219 QORVO-QPA5219 Datasheet
142Kb / 2P
Wi-Fi Power Amplifier
RFPA5562 QORVO-RFPA5562 Datasheet
695Kb / 7P
Wi-Fi Power Amplifer
RFFM4227 QORVO-RFFM4227 Datasheet
425Kb / 6P
Wi-Fi Low Noise Amplifier
RFPA5552 QORVO-RFPA5552 Datasheet
908Kb / 7P
Wi-Fi Power Amplifier
logo
Dialog Semiconductor
DA16200 DIALOG-DA16200 Datasheet
3Mb / 94P
Ultra Low Power Wi-Fi SoC
logo
Qorvo, Inc
TQP5525 QORVO-TQP5525 Datasheet
606Kb / 11P
Wi-Fi Power Amplifer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com