Electronic Components Datasheet Search
  English  ▼

X  

RF5602 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # RF5602
Description  3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF5602 Datasheet(HTML) 3 Page - Qorvo, Inc

  RF5602 Datasheet HTML 1Page - Qorvo, Inc RF5602 Datasheet HTML 2Page - Qorvo, Inc RF5602 Datasheet HTML 3Page - Qorvo, Inc RF5602 Datasheet HTML 4Page - Qorvo, Inc RF5602 Datasheet HTML 5Page - Qorvo, Inc RF5602 Datasheet HTML 6Page - Qorvo, Inc RF5602 Datasheet HTML 7Page - Qorvo, Inc RF5602 Datasheet HTML 8Page - Qorvo, Inc RF5602 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
3 of 27
RF5602
DS120213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
WiFi IEEE 802.11b/g/n, cont.
Nominal Condition T = 25°C, VCC = 3.3V, 4.2V, and 5V,
VREG = 2.9V, Freq = 2450MHz, Duty Cycle 10 to 100%
unless otherwise noted
Gain
31
34
dB
At nominal condition and VCC = 5.0V (Over VREG and Fre-
quency)
31
34
dB
At nominal condition and VCC = 4.2V (Over VREG and Fre-
quency)
31
34
dB
At nominal condition and VCC = 3.3V (Over VREG and Fre-
quency)
Gain Variation over Temperature
-2
2
dB
-40°C to +85°C
Power Detector
+10
+29
dBm
Power detector usable range
Input Impedance
50
Input matched to 50
Output P1dB
33
dBm
At nominal conditions with CW signal and VCC = 5.0V
32
dBm
At nominal conditions with CW signal and VCC = 4.2V
30.5
dBm
At nominal conditions with CW signal and VCC = 3.3V
Power Down
PA is “OFF”
0.6
VCC
PA is “ON”
1.75
2.9
5.0
VDC
Power Supply
Operating Voltage
3 to 5
V
Current Consumption
450
600
mA
RF POUT = +26dBm and VCC = 5.0V (Over VREG and fre-
quency)
175
225
mA
Idle current, No RF and VCC = 5.0V (Over VREG and fre-
quency)
400
475
mA
RF POUT = +25dBm and VCC = 4.2V (Over VREG and fre-
quency)
160
210
mA
Idle current, No RF and VCC = 4.2V (Over VREG and fre-
quency)
350
400
mA
RF POUT = +23.5dBm and VCC = 3.3V (Over VREG and fre-
quency)
150
180
mA
Idle current, No RF and VCC = 3.3V (Over VREG and fre-
quency)
Power Down Current
10
mA
PDOWN = Low, VREG = High (ICC + IBIAS + IREG)
Leakage Current
0.2
1
mA
VREG = PDOWN = 0V, VCC = 3.3V, RF = OFF (ICC + IBIAS +
IREG)
VREG Voltage (at Eval Board VREG
pin)
2.8
2.9
3.0
VDC
Higher VREG voltage is possible but with adjusting the
series resistors to keep the voltage constant at VREG pin
of Eval board at R1, R2 and R3
5
10
mA
I_REG Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com