Electronic Components Datasheet Search
  English  ▼

X  

SGF33 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SGF33
Description  For C to Ku-Band Local Oscillator and Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SGF33 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SGF33 Datasheet HTML 1Page - Sanyo Semicon Device SGF33 Datasheet HTML 2Page - Sanyo Semicon Device SGF33 Datasheet HTML 3Page - Sanyo Semicon Device SGF33 Datasheet HTML 4Page - Sanyo Semicon Device SGF33 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SGF33
No.7196-1/5
Features
•
Low phase noise.
•
Highly reliable protection film.
•
Automatic surface mounting supported.
•
MCPH4 package.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN7196A
SGF33
Package Dimensions
unit : mm
1316
[SGF33]
62003 TS IM TA-100632 / 13003 TS IM TA-3556
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
N-Channel GaAs MESFET
For C to Ku-Band Local Oscillator and Amplifier
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDS
6V
Gate-to-Source Voltage
VGS
--5
V
Drain Current
ID
100
mA
Allowable Power Dissipation
PD
Mounted on copper foil (area : 0.96mm
2)
400
mW
Glass epoxy board (145!80!1.6mm)
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Gate-to-Source Leakage Current
IGSO
VGS=--5V
--10
µA
Saturated Drain Current
IDSS
VDS=3V, VGS=0
30
50
70
mA
Cutoff Voltage
VGS(off)
VDS=3V, ID=100µA
--0.5
--1.6
--2.7
V
Forward Transfer Admittance
yfs
VDS=3V, ID=10mA
34
mS
1 : Gate
2 : Source
3 : Drain
4 : Source
SANYO : MCPH4
2.0
1.3
0.3
1
2
12
43
4
3
0.15
(Bottom view)
(Top view)
(Side view)
(Side view)


Similar Part No. - SGF33

ManufacturerPart #DatasheetDescription
logo
Novaris
SGF3-125-130-275 NOVARIS-SGF3-125-130-275 Datasheet
625Kb / 1P
SGF Spark Gap Surge Filters 40 – 250A
SGF3-250-130-275 NOVARIS-SGF3-250-130-275 Datasheet
625Kb / 1P
SGF Spark Gap Surge Filters 40 – 250A
SGF3-40-130-275 NOVARIS-SGF3-40-130-275 Datasheet
625Kb / 1P
SGF Spark Gap Surge Filters 40 – 250A
SGF3-63-130-275 NOVARIS-SGF3-63-130-275 Datasheet
625Kb / 1P
SGF Spark Gap Surge Filters 40 – 250A
logo
Sanyo Semicon Device
SGF31 SANYO-SGF31 Datasheet
37Kb / 5P
For C to Ku-band Local Oscillator and Amplifier
More results

Similar Description - SGF33

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4404 SANYO-2SC4404 Datasheet
101Kb / 4P
UHF Local Oscillator, Wide-Band Amplifier Applications???????
SGF25 SANYO-SGF25 Datasheet
63Kb / 3P
For C- to X-band local oscillator and amplifier
2SK1646 SANYO-2SK1646 Datasheet
33Kb / 4P
For C to X-band Local Oscillator and Amplifier
2SK1645 SANYO-2SK1645 Datasheet
40Kb / 4P
For C to X-band Local Oscillator and Amplifier
SGF9 SANYO-SGF9 Datasheet
66Kb / 8P
For C to X-band Local Oscillator and Amplifier
logo
Hitachi Semiconductor
2SC2731 HITACHI-2SC2731 Datasheet
36Kb / 1P
UHF TV TUNER FREQUENCY CONVERTER, LOCAL OSCILLATOR AND WIDE BAND AMPLIFIER
logo
Sanyo Semicon Device
SGF29 SANYO-SGF29 Datasheet
38Kb / 5P
For C to Ku-band Local Oscillator and Amplifier
SGF31 SANYO-SGF31 Datasheet
37Kb / 5P
For C to Ku-band Local Oscillator and Amplifier
logo
Toshiba Semiconductor
S8855 TOSHIBA-S8855 Datasheet
160Kb / 5P
SUITABLE FOR Ku-BAND AMPLIFIER
logo
Sanyo Semicon Device
SGF35 SANYO-SGF35 Datasheet
47Kb / 5P
For C to Ku-Band Local Oscillator and Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com