Electronic Components Datasheet Search
  English  ▼

X  

IRK2.6 Datasheet(PDF) 4 Page - International Rectifier

Part # IRK2.6
Description  ADD-A-pak-TM GEN V Power Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRK2.6 Datasheet(HTML) 4 Page - International Rectifier

  IRK2.6 Datasheet HTML 1Page - International Rectifier IRK2.6 Datasheet HTML 2Page - International Rectifier IRK2.6 Datasheet HTML 3Page - International Rectifier IRK2.6 Datasheet HTML 4Page - International Rectifier IRK2.6 Datasheet HTML 5Page - International Rectifier IRK2.6 Datasheet HTML 6Page - International Rectifier IRK2.6 Datasheet HTML 7Page - International Rectifier IRK2.6 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRK.26 Series
4
Bulletin I27130 rev. G 10/02
www.irf.com
IRK
T
26
/
16
A
S90
Device Code
1
2
3
4
5
Ordering Information Table
6
* * Available with no auxiliary cathode.
To specify change:
26 to 27
e.g. : IRKT27/16A etc.
IRK.27 types
With no auxiliary cathode
Outline Table
+
K2 G2
-
K1
G1
~
(1)
(2)
(3)
(4) (5)
(7) (6)
+
-
K1
G1
~
(1)
(2)
(3)
(4) (5)
+
-
~
(1)
(2)
(3)
K2
(7)
G2
(6)
Dimensions are in millimeters and [inches]
IRKT
IRKH
IRKL
NOTE: To order the Optional Hardware see Bulletin I27900
1
-
Module type
2
-
Circuit configuration (See Circuit Configuration table below)
3
-
Current code * *
4
-
Voltage code (See Voltage Ratings table)
5
-
A : Gen V
6
-
dv/dt code:
S90 = dv/dt 1000 V/µs
No letter = dv/dt 500 Vµs
IRKN
+
-
K1
G1
+
(1)
(2)
(3)
(4) (5)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com