Electronic Components Datasheet Search
  English  ▼

X  

Z0405NF Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # Z0405NF
Description  isc Triacs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

Z0405NF Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  Z0405NF Datasheet HTML 1Page - Inchange Semiconductor Company Limited Z0405NF Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc Triacs
Z0405NF
APPLICATIONS
·
Designed for general purpose AC switching
applications such as touch light dimmers, fan
controllers, HID lamp ignitors etc.
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
800
V
VRRM
Repetitive peak reverse voltage
800
V
IT(RMS)
RMS On-state current (full sine wave)
4
A
ITSM
Non-repetitive surge peak on-state current t= 20ms
20
A
PG(AV)
Average gate power dissipation Tj = 125℃
0.2
W
Tj
Junction temperature
125
Tstg
Storage temperature
-40 to + 150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VRM=VRRM,
RGK=1kΩ
VRM=VRRM,
RGK=1kΩ,Tj=125℃
5
500
μ
A
IDRM
Repetitive peak off-state current
VDM=VDRM,
RGK=1kΩ
VDM=VDRM
,RGK=1kΩ,Tj=125℃
5
500
μ
A
VTM
On-state voltage
ITM= 5.5A
2.0
V
IGT
Gate-trigger current
all quadrant VDM=12V; RL=30Ω
5
mA
VGT
Gate-trigger voltage
all quadrant VDM=12V; RL=30Ω
1.3
V
IH
Holding current
IT= 50mA
5
mA


Similar Part No. - Z0405NF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0405NF STMICROELECTRONICS-Z0405NF Datasheet
88Kb / 8P
4A TRIACS
31-Mar-2006
Z0405NF STMICROELECTRONICS-Z0405NF Datasheet
90Kb / 8P
Different gate current sensitivities are available, allowing optimized performances when controlled directly from microcontrollers.
05-Dec-2006
Z0405NF0AA2 STMICROELECTRONICS-Z0405NF0AA2 Datasheet
88Kb / 8P
4A TRIACS
31-Mar-2006
Z0405NF1AA2 STMICROELECTRONICS-Z0405NF1AA2 Datasheet
88Kb / 8P
4A TRIACS
31-Mar-2006
Z0405NF1AA2-ND STMICROELECTRONICS-Z0405NF1AA2-ND Datasheet
88Kb / 8P
4A TRIACS
31-Mar-2006
More results

Similar Description - Z0405NF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com