Electronic Components Datasheet Search
  English  ▼

X  

STM6717 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM6717
Description  Dual/Triple Ultra-Low Voltage Supervisors with Push-Button Reset (with Delay Option)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6717 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM6717 Datasheet HTML 4Page - STMicroelectronics STM6717 Datasheet HTML 5Page - STMicroelectronics STM6717 Datasheet HTML 6Page - STMicroelectronics STM6717 Datasheet HTML 7Page - STMicroelectronics STM6717 Datasheet HTML 8Page - STMicroelectronics STM6717 Datasheet HTML 9Page - STMicroelectronics STM6717 Datasheet HTML 10Page - STMicroelectronics STM6717 Datasheet HTML 11Page - STMicroelectronics STM6717 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
STM6717/6718/6719/6720/6777/6778/6779*/6780*
8/25
OPERATION
Applications Information
1.
Interfacing to Processors with Bi-directional
Reset Pins
Most processors with bi-directional reset pins
can interface directly to the open drain RST
outputs (STM6717/19/77/79). Systems
simultaneously requiring a push-pull RST
output and a bi-directional reset interface can
be in logic contention. To prevent this
contention, connect a 4.7k
Ω resistor between
RST and the processor’s Reset I/O as shown
in Figure 12.
2.
Ensuring a Valid RST Output Down to
VCC =0V
The STM67xx Supervisors are guaranteed to
be in the correct RST output logic state when
VCC1 and/or VCC2 is greater than 0.8V. In
applications which require valid reset levels
down to VCC = 0, a pull-down resistor to
active-low outputs (push-pull only, see Figure
13.) will ensure that the reset line is valid while
the reset output can no longer sink or source
current. This scheme does NOT work with the
open drain outputs of the STM6717/19/77/79.
The resistor value used is not critical, but it
must be large enough not to load the reset
output when VCC is above the reset threshold.
For most applications, 100k
Ω is adequate.
Figure 12. STM67xx Interface to Processor with Bi-directional Reset Pins
Figure 13. Ensuring RST Valid to VCC = 0 (Active-Low, Push-Pull Outputs)
AI10425
VCC1
VCC2
VSS
VCC1
STM67xx
RST
To other
system
components
4.7k
Ω
VCC2
VSS
Processor
RESET
AI10426
VCC1
VCC1
VSS
STM67xx
RST
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com