Electronic Components Datasheet Search
  English  ▼

X  

MM74HC173J Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC173J
Description  TRI - STATE-R QUAD D FLIP-FLOP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC173J Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM74HC173J Datasheet HTML 1Page - National Semiconductor (TI) MM74HC173J Datasheet HTML 2Page - National Semiconductor (TI) MM74HC173J Datasheet HTML 3Page - National Semiconductor (TI) MM74HC173J Datasheet HTML 4Page - National Semiconductor (TI) MM74HC173J Datasheet HTML 5Page - National Semiconductor (TI) MM74HC173J Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics VCCe5V TAe25 C CLe45 pF tretfe6ns
Symbol
Parameter
Conditions
Typ
Guaranteed Limit
Units
fMAX
Maximum Operating Frequency
45
30
MHz
tPHL tPLH
Maximum Propagation
31
ns
Delay Clock to Q
tPHL
Maximum Propagation
18
27
ns
Delay Clear to Q
tPZH tPZL
Maximum Output Enable Time
RLe1kX
18
28
ns
tPHZ tPLZ
Maximum Output Disable
RLe1kX
16
25
ns
Time
CLe5pF
tS
Minimum Data Setup Time
20
ns
tS
Minimum Data Enable Setup Time
20
ns
tH
Minimum Data Hold Time
0
ns
tH
Minimum Data Enable Hold Time
0
ns
tW
Minimum Clock Pulse Width
16
ns
AC Electrical Characteristics VCCe20V to 60V CLe50 pF tretfe6 ns (unless otherwise specified)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C
Units
Typ
Guaranteed Limits
fMAX
Maximum Operating
CLe50 pF
20V
10
5
4
4
MHz
Frequency
45V
45
27
21
18
MHz
60V
55
32
25
21
MHz
tPHL tPLH
Maximum Propagation
CLe50 pF
20V
80
175
220
262
ns
Delay from Clock to Q
CLe150 pF
20V
110
225
280
338
ns
CLe50 pF
45V
23
35
44
53
ns
CLe150 pF
45V
28
45
56
68
ns
CLe50 pF
60V
21
30
38
45
ns
CLe150 pF
60V
26
38
48
57
ns
tPHL
Maximum Propagation
CLe50 pF
20V
70
150
189
224
ns
Delay from Clear to Q
CLe150 pF
20V
100
200
252
298
ns
CLe50 pF
45V
20
30
38
45
ns
CLe150 pF
45V
25
40
50
60
ns
CLe50 pF
60V
17
26
32
38
ns
CLe150 pF
60V
22
34
43
51
ns
tPZH tPZL
Maximum Output
RLe1kX
Enable Time
CLe50 pF
20V
70
150
189
224
ns
CLe150 pF
20V
100
200
252
298
ns
CLe50 pF
45V
20
30
38
45
ns
CLe150 pF
45V
25
40
50
60
ns
CLe50 pF
60V
17
26
32
38
ns
CLe150 pF
60V
22
34
43
51
ns
tPHZ tPLZ
Maximum Output Disable
RLe1kX
20V
70
150
189
224
ns
Time
CLe50 pF
45V
20
30
38
45
ns
60V
17
26
32
38
ns
tS
Minimum Data or Data
20V
100
125
150
ns
Enable Setup Time
45V
20
25
30
ns
60V
17
21
25
ns
tREM
Minimum Removal
20V
90
112
135
ns
Time
45V
18
22
26
ns
60V
15
19
22
ns
tH
Minimum Data or Data Enable
20V
0
0
0
ns
Hold Time
45V
0
0
0
ns
60V
0
0
0
ns
tW
Minimum Clear or Clock
20V
30
80
100
120
ns
Pulse Width
45V
9
16
20
24
ns
60V
8
14
17
20
ns
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com